Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 79Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 80Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 81Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 82Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 83Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 84Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 85Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 86Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
83
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
POWER SUPPLY REGISTER MASK
Mask writes to the power supply registers, in order to avoid the need for the system controller to do read-modify-write cycles.
The mask register is shown in Table 47.
Figure 48 shows an example of the operation of the PWRMASK register.
Figure 48. PWRMASK Register Implementation Example
POWER SUPPLY PROGRAMMABLE RAMP RATE
Turn on time of all buck regulators can be programmed through the SPI, reference Table 48
Table 46. Power Switches Control Registers Structure and Bits Description
Name
Bits
Description
VPANEL33CNT (ADDR 0x4F - R/W - Default Value: 0x24)
CTLVPANEL33
2:0
VPNL33 State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
AOACCTLVPANEL33 5:3
VPNL33 State Control during AOAC Exit (when the Exit pin is EXITSTBY pin is asserted). These bits will be
initialized by the system SPI controller after power up.
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
Reserved
7:6
Reserved
Table 47. Mask Register
Register name
ADDR
R/W
D7
D6
D5
D4
D3
D2
D1
D0
initial
PWRMASK
0x34
R/W
M7
M6
M5
M4
M3
M2
M1
M0
0x00
Table 48. Ramp Rate Control Registers (Freescale Defined)
Name
Bits
Description
FSLTONTCNTL1 (ADDR 0x1C8 - R/W - Default Value: 0xAA)
VCCTONT
1:0
Turn On Time Settings for VCC Regulator
x0 = 180 μs
x1 = 90 μs
x2 = 45 μs
x3 = 22 μs
VNNTONT
3:2
Turn On Time Settings for VNN Regulator
x0 = 180 μs
x1 = 90 μs
x2 = 45 μs
x3 = 22 μs
D7
D6
D5
D4
D3
D2
D1
D0
Power Supply Register Before Write
101
01
010
PWRMASK Register Settings
111
10
000
Example SPI Write to Power Supply
1
1
1
1
1
1
1
1
Power Supply Register After Write
101
01
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com