Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 77Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 78Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 79Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 80Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 81Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 82Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 83Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 84Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
81
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
Figure 46. VIMG28 Detailed Internal Block Diagram
Main Features
• Uses 3.3 V or VPWR as the main power supply
• 225 mA maximum continuous output current
• Optimized for a 2.2 µF external filter capacitor with a maximum of 10 m
Ω ESR
• Uses internal pass FET
• The output for each LDO is monitored for over-current conditions and under-voltage events
VSDIO
VSDIO is a combo low drop-out (LDO) and power switch. It uses an external P-CH pass FET in Switch mode, and internal
pass FET on LDO mode.
VSDIO serves as an LDO when its output voltage is set to 1.8 V, and as a switch when its output voltage is set to 3.3 V. It
takes its input voltage directly from the 3.3 V output voltage node.
VSDIO supplies the SDIO card module. The card is initially powered up to 3.3 V. If the card is detected to be a low voltage
card, then the rail will be shutdown, configured as 1.8 V, and then turned on.
VSDIO will be actively discharged during shutdown.
Table 43. VIMG28 Control Register Structure and Bits Description
Name
Bits
Description
VIMGACNT (ADDR 0x0x48 - R/W - Default Value: 0x24)
CTLVIMGA
2:0
VIMG28 State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
AOACCTLVIMGA
5:3
VIMG28 State Control during AOAC Exit (when the Exit pin is EXITSTBY pin is asserted). These bits will be
initialized by the system SPI controller after power up.
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
SELVIMGA
7:6
VIMG28 output voltage selections:
X0 = 1.5 V
x1 = 2.7 V
x2 = 2.8 V
x3 = 2.9 V
Z
+
_
Controller
VOIMG 28
VOUTIMG28
Output Monitor
IOIMG28
SPI
Interface
COIMG 28
VOIMG28
CTLVIMG28
AOACCTLVIMG28
VIMG28CFAULT
VREF
Discharge
PVINIMG
(Shared with VIMG25)
GNDIMG
(Shared with VIMG25)
SELVIMG28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com