Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 13Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 14Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 15Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 16Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
900844
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
TA = -40 to 85 °C, VPWR = 3.0 to 4.4 V, in gathering these parametrics, Freescale used the external components described in
the Hardware Design Considerations section of this document, over the full load current range, unless otherwise noted. Typical
values are characterized at VPWR = 3.6 V and 25 °C.
Characteristic
Symbol
Min
Typ
Max
Unit
SYSTEM CONTROL INTERFACE
Input Low Voltage
EXITSTBY, VID[6:0]
THRMTRIPB, VIDEN[1:0]
VIL
0
0
-
-
0.3*VCCP
0.3*VCCPA
OAC
V
Input High Voltage
EXITSTBY, VID[6:0]
THRMTRIPB, VIDEN[1:0]
VIH
0.7*VCCP
0.7*VCCPA
OAC
-
-
VCCP
VCCPAOAC
V
Output Low Voltage
PMICINT, VRCOMP, RESETB, PWRGD.
VOL
0
-
0.1
V
Output High Voltage
PMICINT, VRCOMP, RESETB, PWRGD.
VOH
VPMIC - 0.1
-
VPMIC
V
SPI INTERFACE LOGIC IO
Operating Voltage Range (SPIVCC Pin)
VSPIVCC
1.74
1.8
3.1
V
Input High SPICSB, MOSI, SPICLK
-
0.7*
VSPIVCC
-
VSPIVCC
+0.3
V
Input Low SPICSB, MOSI, SPICLK
-
0
-
0.3*
VSPIVCC
V
Output Low MISO (Output sink 100 µA)
-
0
-
0.1
V
Output High MISO (Output source 100 µA)
-
VSPIVCC
-0.1
-
VSPIVCC
V
OSCILLATOR AND CLOCK OUTPUTS MAIN CHARACTERISTICS
Operating Voltage
-
1.2
-
1.5
V
RTC OSC Consumption Current (RTC Mode: All blocks disabled, no main
battery attached, coin cell is attached to COINCELL)
-
-
1.0
2.0
µA
Output Low CLK32K (Output sink 100 µA)
-
0
-
0.1
V
Output High CLK32K (Output source 100 µA)
-
VSPIVCC -
0.1
-
VSPIVCC
V
CLK32K Output Duty Cycle
-
40
50
60
%
RTC
Input Voltage Range
-
1.2
-
1.5
V
Consumption Current
-
-
15
25
µA
Crystal OSC Frequency Tolerance
-
-30
-
+30
ppm
Crystal OSC Peak Temperature Frequency (Turn Over Temperature)
-
20
25
30
°C
Crystal OSC Maximum Series Resistance
-
-
80
-
K
Ω
Crystal OSC Maximum Drive Level
-
-
0.5
-
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com