Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 47Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 48Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 49Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 50Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 51Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 52Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 53Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 54Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
51
900844
FUNCTIONAL DEVICE OPERATION
POWER STATES AND CONTROL
Figure 17. 900844 Internal Power Tree Block Diagram
As part of the turn on sequence, the 900844 enables a set of internal supplies that provide power to the rest of the circuitry:
1. VCOREREF: This is the main bandgap and reference voltage for all internal circuitries.
2. VCORE: This is the supply for the internal analog circuitry.
3. VCOREDIG: This is the supply for the internal digital circuitry.
Table 21 summarizes the voltage references on the 900844.
There is an internal node called the Best of Supply node (VBOS), which supplies the Real Time Clock and the Keep Alive
Registers. This ensures that power to these critical circuits is maintained for maximum life. VBOS represents the highest of the
VBAT and VCOINCELL input voltages. When VCOREDIG is > 1.2 V, an internal switch is closed, and the circuitry that was
powered from VBOS is now powered from VCOREDIG.
Table 21. 900844 Internal Power Supply Summary
Reference
Parameter
Target
VCOREREF
(Bandgap & Regulators Reference)
Output Voltage
1.2 V
Bypass Capacitor
100 nF typ.
VCOREDIG
(Digital Core Supply)
Output Voltage
1.5 V
Bypass Capacitor
2.2
μF typ.
VCORE
(Analog Core Supply)
Output Voltage
2.775 V
Bypass Capacitor
2.2
μF typ.
VBAT
VCOINCELL
VBOS
VCORERTC
Keep Alive
Bandgap
1.2V
CLOCK
RC/XTAL
Keep Alive
Registers
1.2V
0.9V
VPWR
VCOREREF
VCOREDIG
VCORE
UVDET
EN
EN
EN
EN
Closed when
VCOREDIG > 1.2V
1.5V
Digital Supply
1.2V
Reference Supply
2.775V
Analog Supply
ACTIVE
STATE
RTC
STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com