Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 42Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 43Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 44Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 45Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 46Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 47Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 48Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 49Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 118 page
background image
Analog Integrated Circuit Device Data
46
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
CLOCK GENERATION AND REAL TIME CLOCK (RTC)
Two methods of avoiding undefined output during updates are usable by the program. In discussing the two methods, it is
assumed that at random points, user programs are able to call a subroutine to obtain the time of day.
The first method uses the update-ended interrupt. If enabled, an interrupt occurs after every update cycle, which indicates that
over 999 ms are available to read valid time and date information. Before leaving the interrupt service routine, the IRQF bit in
Register C should be cleared.
The second method uses the update-in-progress bit (UIP) in Register A, to determine if the update cycle is in progress. The
UIP bit will pulse once per second. Statistically, the UIP bit will indicate that time and date information is unavailable once every
3,640 attempts. After the UIP bit goes high, the update cycle begins 244.1
μs later. Therefore, if a low is read on the UIP bit, the
user has at least 244.1
μs before the time/calendar data will be changed. If a “1” is read in the UIP bit, the time/calendar data
may not be valid. The user should avoid interrupt service routines which would cause the time needed to read valid time/calendar
data to exceed 244.1
μs.
The RTC uses seven synchronous counters to increment the time and calendar values. All seven timekeeping registers are
clocked by the same internal 1.0 Hz clock, so updates occur simultaneously, even during rollover. After the counters are
incremented, the current time is compared to the time-of-day alarm registers 30.5
μs later, and if they match, the AF bit in register
C will be set.
The Update-cycle begins when the clock and calendar registers are incremented, and ends when the alarm comparison is
complete. During this 30.5
μs update cycle, the time, calendar, and alarm bytes are fully accessible by the processor program.
If the processor reads these locations during an update, the transitional output may be undefined. The update in progress (UIP)
status bit is set 244.1
μs before this interval, and is cleared when the update cycle completes.
Interrupts
The RTC includes two separate, fully automatic sources of interrupts to the processor. The alarm interrupt may be
programmed to occur at a rate of once per day. The update-ended interrupt may be used to indicate to the program that an update
cycle is completed.
The processor program selects which interrupts, if any, it wishes to receive. Two bits in Register B enable the two interrupts.
Writing a “1” to an interrupt-enable bit permits that interrupt to be initiated when the event occurs. A “0” in the interrupt-enable bit,
prohibits the IRQF bit from being asserted due to the interrupt cause.
If an interrupt flag is already set when the interrupt becomes enabled, the IRQF bit is immediately activated, though the
interrupt initiating the event may have occurred much earlier. Thus, there are cases where the program should clear such earlier
initiated interrupts before enabling new interrupts.
When an interrupt event occurs, a flag bit is set to a “1” in Register C. Each of the two interrupt sources have separate flag
bits in Register C, which are set independent of the state of the corresponding enable bits in Register B. The flag bit may be used
with or without enabling the corresponding enable bits.
In the software scanned case, the program does not enable the interrupt. The interrupt flag bit becomes a status bit, which the
software interrogates when it wishes. When the software detects the flag is set, it is an indication to the software an interrupt
event occurred since the bit was last read.
However, there is one precaution. The flag bits in Register C are cleared (record of the interrupt event is erased) when Register
C is read. Double latching is included with Register C, so the bits which are set are stable throughout the read cycle. All bits which
are high when read by the program are cleared, and new interrupts (on any bits) are held until after the read cycle. One or two
flag bits may be found to be set when Register C is used. The program should inspect all utilized flag bits every time Register C
is read to insure that no interrupts are lost.
The second flag bit usage method is with fully enabled interrupts. When an interrupt flag bit is set and the corresponding
interrupt enable bit is also set, the IRQF bit is asserted high. IRQF is asserted as long as at least one of the two interrupt sources
has its flag and enable bits both set.
The processor program can determine that the RTC initiated the interrupt by reading Register C. A “1” in bit 7 (IRQF bit)
indicates that one or more interrupts have been initiated by the part. The act of reading Register C clears all the then active flag
bits, plus the IRQF bit. When the program finds IRQF set, it should look at each of the individual flag bits in the same byte, which
have the corresponding interrupt mask bits set and service each interrupt which is set. Again, more than one interrupt flag bit
may be set.
ALARM INTERRUPT
The three alarm bytes may be used to generate a daily alarm interrupt. When the program inserts an alarm time in the
appropriate hours, minutes, and seconds alarm locations, the alarm interrupt is initiated at the specified time each day, if the
alarm enable bit is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com