Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 94Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 95Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 96Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 97Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 98Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 99Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 100Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 101Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 118 page
background image
Analog Integrated Circuit Device Data
98
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
GPIOS
ADC STATUS/CONTROL REGISTERS AND BIT DESCRIPTION
GPIOS
DESCRIPTION
The 900844 has eight GPIOs, and eight GPOs for platform control.
As outputs, the GPIOs support CMOS/OD signaling levels, based on the voltage level on the GPIOVCC. The GPOs support
CMOS signaling levels, based on the voltage level on the GPOVCC pin. As inputs, they are 3.6 V tolerant and are de-bounced
for a period of no more than 10 ms minimum.
The 900844 provides one bank of eight configurable GPIO inputs/outputs, GPIO[7:0] for general purpose sensing and platform
control. Only GPIOs support an input function.
GPIOs switch between a high-impedance (>1.0 M
Ω) state and a low-impedance (20 Ω nominal) state when operating in open
drain mode. When operating in CMOS mode, the outputs drive from the voltage supplied on the GPIOVCC pin with a 20
Ω output
drive capability (for GPIOs).
The electrical characteristics of the output buffer will therefore be specified as relative percentages of the driving supply.
Any unused GPIO pin should be tied to ground on the board.
When any GPIO is configured as an open drain, the pull-up voltage cannot exceed that of the GPIOVCC Voltage level.
Table 71 shows the default state of the different GPIOs and their capabilities.
Table 70. Extended ADC Control Register Structure and Bits Description
Name
Bits
Description
FSLADCCNTL (ADDR 0x1DE - R/W - Default Value: 0x00)
VPWRCON
0
Enable channel 22 to read the VPWR voltage
x0 = Disable (Default)
x1 = Enable
CHRGICON
1
Enable channel 24 to read the Battery charging current
x0 = Disable (Default)
x1 = Enable
LICON
2
Enable channel 25 to read the Backup Battery voltage
x0 = Disable (Default)
x1 = Enable
RSVD
3
Reserved
LSBSEL
4
ADC LSB Selection Bit
x0 = Refer to Table 59
x1 = Refer to Table 59
RSVD
7:4
Reserved
Table 71. GPIOs Capabilities and Default States
GPIO
Input Output CMOS OD Slew CNTL Default Mode
Default Level
GPIO0
Yes
Yes
Yes
Yes
No
Input
HI-Z
GPIO1
Yes
Yes
Yes
Yes
No
Input
HI-Z
GPIO2
Yes
Yes
Yes
Yes
No
Input
HI-Z
GPIO3
Yes
Yes
Yes
Yes
No
Input
HI-Z
GPIO4
Yes
Yes
Yes
Yes
No
Input
HI-Z
GPIO5
Yes
Yes
Yes
Yes
No
Input
HI-Z
GPIO6
Yes
Yes
Yes
Yes
No
Input
HI-Z
GPIO7
Yes
Yes
Yes
Yes
No
Input
HI-Z
GPO0
No
Yes
Yes
No
No
CMOS
Low
GPO1
No
Yes
Yes
No
No
CMOS
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com