Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
900844
INTERNAL BLOCK DIAGRAM
Ground References
PGNDCHG
HIPWRGND
-
-
2
AF26, AH26
Power GND
BCL1
SGNL
I/O
3.6 V
1
K28
Always connect to GND
FS1
SGNL
I/O
3.6 V
1
L27
Always connect to GND
RX1
SGNL
I
3.6 V
1
L23
Always connect to GND
BCL2
SGNL
I/O
3.6 V
1
J29
Always connect to GND
FS2
SGNL
I/O
3.6 V
1
J27
Always connect to GND
RX2
SGNL
I
3.6 V
1
H28
Always connect to GND
SCK
SGNL
I
3.6 V
1
H12
Always connect to GND
GNDSP
LOPWRGND
-
-
1
M28
Analog GND
GNDLSPR
MDPWRGND
-
-
1
A19
Analog GND
GNDLSPL
MDPWRGND
-
-
1
A21
Analog GND
GNDCP
LOPWRGND
-
-
1
E27
Analog GND
PGNDYMXPA
HIPWRGND
-
-
3
AD12, AF12, AH12 Power GND
PGNDYMX3G
HIPWRGND
-
-
2
R1, R3
Power GND
PGNDOTG
HIPWRGND
-
-
2
V26, V28
Power GND
PGNDBKLT
HIPWRGND
-
-
2
Y26, Y28
Power GND
GNDAUDXTAL
GND
-
-
1
G29
Analog GND
GNDAUD1
GND
-
-
1
G23
Analog GND
GNDAUD2
GND
-
-
1
L21
Analog GND
GNDAUD3
GND
-
-
1
R19
Analog GND
GNDAUD4
GND
-
-
1
G21
Analog GND
GNDBKLT
GND
-
-
1
AB28
Analog GND
GNDLED
GND
-
-
1
R29
Analog GND
REFGNDCHG
GND
-
-
1
AC21
Dedicated reference ground for the input power path
REFGNDSW
GND
-
-
1
U7
Dedicated reference ground for the switching regulators
GNDREFVCC
GND
-
-
1
L11
Dedicated reference ground for VCC regulator
GNDSUB
GND
-
-
32
H18, H22, J19,
J21, J23, L17, L19,
M14, M18, N15,
N17, N19, P12,
P14, P16, P18,
R11, R13, R15,
R17, T12, T14,
T16, T18, T22,
U11, U13, U15,
U17, U19, V12,
V18
Substrate GND
Table 1. 900844 Pin Description
Node Name
Type
I/O
Rating
# of
Balls
BGA Location
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com