Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 19Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 20Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 21Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 22Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 23Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 24Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 25Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 26Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
900844
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
GPIOS ELECTRICAL CHARACTERISTICS
GPIO Voltage Level (This is wired externally though GPIOVCC pin)
VGPIOVCC
-
1.8 V,
2.5 V,
3.3 V
-
V
GPO Voltage Level (This is wired externally though GPOVCC pin)
VGPOVCC
-
1.8 V,
2.5 V,
3.3 V
-
V
Accuracy for GPIOVCC, GPOVCC
-
-5.0
-
5.0
%
GPIO Output Drive Capability
-
-
20
-
Ω
Input Low Voltage
VIL
0
-
0.3*VCC
V
Input High Voltage
VIH
0.7*VCC
-
VCC
V
Output Low Voltage (VCC = VCC_MIN, IOL = 4.0 mA)
VOL
-
-
0.1
V
Output High Voltage (VCC = VCC_MIN, IOH = -4.0 mA)
VOL
VCC-0.1
-
-
V
Table 3. Static Electrical Characteristics
TA = -40 to 85 °C, VPWR = 3.0 to 4.4 V, in gathering these parametrics, Freescale used the external components described in
the Hardware Design Considerations section of this document, over the full load current range, unless otherwise noted. Typical
values are characterized at VPWR = 3.6 V and 25 °C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com