Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 70Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 71Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 72Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 73Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 74Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 75Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 76Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 77Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 118 page
background image
Analog Integrated Circuit Device Data
74
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
Figure 39. VYMXYFI18 Detailed Internal Block Diagram
Main Features
• Uses V21 or VPWR as the main power supply
• 200 mA maximum continuous output current
• Optimized for a 2.2 µF external filter capacitor with a maximum of 10 m
Ω ESR
• Uses an internal pass FET
• The output for each LDO is monitored for over-current conditions and under-voltage events
VCCPAOAC
VCCPAOAC is a low drop-out (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance, low noise, and
high PSRR, with a low quiescent current and fast transient response. VCCPAOAC is actively discharged during shutdown.
VCCPAOAC shares an input voltage pin (PVIN1P5) and a reference ground pin (GND1P5) with VCCPDDR, VAON, VMM,
and the VCCP regulator. Each has independent control. PVIN1P5 is supplied from the V15 voltage.
Table 36. VYMXYFI18 Register Structure and Bits Description
Name
Bits
Description
VWYMXARFCNT (ADDR 0x4C - R/W - Default Value: 0x24)
CTLVWYMXARF
2:0
VYMXYFI18 State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
AOACCTLVWYMXARF 5:3
VYMXYFI18 State Control during AOAC Exit (when the Exit pin is EXITSTBY pin is asserted). These bits will
be initialized by the system SPI controller after power up.
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
Reserved
7:6
Reserved
Z
+
_
Controller
VOYMXYFI 18
V21 or VPWR
PVINYMXYFI18
VOUTYMXYFI18
Output Monitor
IOYMXYFI 18
SPI
Interface
CINYMXYFI 18
COYMXYFI 18
VOYMXYFI 18
CTLVYMXYFI18
AOACCTLVYMXYFI 18
VYMXYFI18FAULT
VREF
GNDCOMMS1
Discharge
GNDCOMMS2
Two GND pins shared
between VYMXYFI18,
VYMXYFI , and VYMXGPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com