Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 88Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 89Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 90Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 91Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 92Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 93Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 94Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 95Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 118 page
background image
Analog Integrated Circuit Device Data
92
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
PMIC DIE TEMPERATURE
The die temperature can be read out on Channel 0 of the ADC. The relation between the read out code and temperature is
given in Table 60.
7
00111
Reserved
Reserved
Reserved
Reserved
8
01000
Reserved
Reserved
Reserved
Reserved
9
01001
Battery Pack Thermistor
2.4 V
2.3438 mV
10mV
10
01010
General Purpose ADIN10
Touch screen X+
0-200 mV / 0-2.0 V
0 – 1.2
195.3
μV - 1.953 mv
1.17 mV
195.3
μV - 1.953 mv
1.17 mV
11
01011
General Purpose ADIN11
Touch screen X-
0-200 mV / 0-2.0 V
0 – 1.2
195.3
μV - 1.953 mv
1.17 mV
195.3
μV - 1.953 mv
1.17 mV
12
01100
General Purpose ADIN12
Touch screen Y+
0-200 mV / 0-2.0 V
0 – 1.2
195.3
μV - 1.953 mv
1.17 mV
195.3
μV - 1.953 mv
1.17 mV
13
01101
General Purpose ADIN13
Touch screen Y-
0-200 mV / 0-2.0 V
0 – 1.2
195.3
μV - 1.953 mv
1.17 mV
195.3
μV - 1.953 mv
1.17 mV
14
01110
General Purpose ADIN14
0-200 mV / 0-2.0 V
195.3
μV - 1.953 mv
195.3
μV - 1.953 mv
15
01111
General Purpose ADIN15
0-200 mV / 0-2.0 V
195.3
μV - 1.953 mv
195.3
μV - 1.953 mv
16
10000
General Purpose ADIN16
0-200 mV / 0-2.0 V
195.3
μV - 1.953 mv
195.3
μV - 1.953 mv
17
10001
General Purpose ADIN17
0-200 mV / 0-2.0 V
195.3
μV - 1.953 mv
195.3
μV - 1.953 mv
18
10010
General Purpose ADIN18
0-200 mV / 0-2.0 V
195.3
μV - 1.953 mv
195.3
μV - 1.953 mv
19
10011
General Purpose ADIN19
0-200 mV / 0-2.0 V
195.3
μV - 1.953 mv
195.3
μV - 1.953 mv
20
10100
General Purpose ADIN20
0-200 mV / 0-2.0 V
195.3
μV - 1.953 mv
195.3
μV - 1.953 mv
21
10101
General Purpose ADIN21
0-200 mV / 0-2.0 V
195.3
μV - 1.953 mv
195.3
μV - 1.953 mv
22
10110
Application Supply (VPWR)
0 – 4.8 V
4.6875 mV
4.6875 mV
23
10111
Reserved
Reserved
Reserved
Reserved
24
11000
Reserved
Reserved
Reserved
Reserved
25
11001
Backup Voltage (VCOINCELL)
0 – 3.6 V
3.5156 mV
3.5156 mV
26
11010
Reserved
Reserved
Reserved
Reserved
27
11011
Reserved
Reserved
Reserved
Reserved
28
11100
Reserved
Reserved
Reserved
Reserved
29
11101
Reserved
Reserved
Reserved
Reserved
30
11110
Reserved
Reserved
Reserved
Reserved
31
11111
Reserved
Reserved
Reserved
Reserved
Table 59. ADC LSB Settings
#
SELECT[4:0]
ADC INPUT SIGNAL
SIGNAL RANGE
LSB VALUE
(LSBSEL = 0)
LSB VALUE
(LSBSEL = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com