Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 57Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 58Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 59Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 60Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 61Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 62Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 63Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 64Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
61
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
Figure 26. VNN Efficiency Curve
VNN Status/Control Registers and Bits Description
Reference the register map for read/write conditions and default state for each of these registers
VDDQ
This is a 4.0 MHz fully integrated 2-switch synchronous Buck PWM voltage mode control DC/DC regulator.
The switcher can operate in different modes depending on the load conditions. These modes can be set through the SPI and
include a PFM mode, an Automatic Pulse Skipping mode, and a PWM mode.
VDDQ will be discharged every time the regulator is shutting down.
Table 26. VNN Status and Control Registers Structure and Bits Description
Name
Bits
Description
VNNCNT (ADDR 0x36 - R/W - Default value: 0x04)
CTLVNN
2:0
VNN State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = PFM
x6 = Automatic Pulse Skipping
x7 = PWM
AOACCTLVNN
5:3
VNN State Control during AOAC Exit (when the Exit pin is EXITSTBY pin is asserted). These bits will be initialized
by the system SPI controller after power up.
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = PFM
x6 = Automatic Pulse Skipping
x7 = PWM
Reserved
7:6
Reserved
VNNLATCH (ADDR 0x33 - R/W - Default value: 0x7F)
VIDVNN
6:0
VID VNN Control Through SPI. Signal codes are identical to the VID signal codes. Reference Figure 15 for more
details
DVP1VRD
7
VNN Register override enable bit.
X0 = VNN VID control follows the external pins
x1 = VNN VID control follows the VIDVNN control register bits
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com