Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 87Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 88Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 89Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 90Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 91Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 92Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 93Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 94Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
91
900844
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
Activating the prior channels to provide the signal specified occurs by asserting the following bits to 1. If the following bits are
0, then these channels are reserved:
• VPWRCON for channel 22
• LICON for channel 25
CONTROL
The ADC block consists of a 5-bit wide, 32-entry register file, which stores the address of the analog input for sampling. The
10-bit result is then stored in a separate register file 10+1 bits wide and 32 entries deep.
In order to operate the ADC, it has to be enabled first by setting the ADEN bit high in the ADCCNTL1 register. When the
register ADCCNTL1 ADSTRT bit is enabled, the PMIC will cycle through the 3 + 5 bit selector addresses in registers ADCADDRx.
The high 3-bits control the touch screen bias FETs, as described in Touch Screen Interface. The lower 5-bits address the ADC
selector to connect one of 32 channels to the ADC. The result of the ADC conversion is stored into the result registers
(ADCSNSx), along with the input gain setting (1 MSB). An address in the selector table of 0x1F designates the stop location of
the selection loop. At which point the interrupt flag bit 0 (RND), which can be masked through the MRND bit in the MADCINT
register, is set in register ADCINT, bit 1 of the INTERRUPT register (ADC) is set, and the external PMICINT signal is asserted,
if bit 1 of the INTMASK register is clear. The ADC sleeps for 0 to 27 ms as set by ADC register ADCCNTL1 through the
ADSLP[2:0] bits and then repeats the selector cycle. The new data overwrites the old in the result registers. At most, all 32 result
registers will be filled within 15.625 ms (2048/32 = 1/64 Hz). The result registers will not be read until the RND flag is set.
DEDICATED CHANNELS READING
Two different LSB value settings are possible by using the LSBSEL bit in the FSLADCCNTL register. LSBSEL = 0 is the
default setting. See Table 59 for more information
Table 58. Possible Reserved Channels Usage
Channel
ADC Input Signal
Input Level
Scaling
Scaled Version
22
Application Supply (VPWR)
0 – 4.8 V
/2
0 – 2.4 V
23
Reserved
Reserved
Reserved
Reserved
24
Reserved
Reserved
Reserved
Reserved
25
Backup Voltage (VCOINCELL)
0 – 3.6 V
x2/3
0 – 2.4 V
26
Reserved
Reserved
Reserved
Reserved
27
Reserved
Reserved
Reserved
Reserved
28
Reserved
Reserved
Reserved
Reserved
29
Reserved
Reserved
Reserved
Reserved
30
Reserved
Reserved
Reserved
Reserved
31
Reserved
Reserved
Reserved
Reserved
Table 59. ADC LSB Settings
#
SELECT[4:0]
ADC INPUT SIGNAL
SIGNAL RANGE
LSB VALUE
(LSBSEL = 0)
LSB VALUE
(LSBSEL = 1)
0
00000
PMIC Die Temperature
1.2 – 2.4 V
0.4244 K
1C
1
00001
VCC Current Sense
4.2 A
4.1015 mA
10 mA
2
00010
VNN Current Sense
1.9 A
1.8554 mA
10 mA
3
00011
VCC180 Current Sense
0.5 A
0.4883 mA
10 mA
4
00100
Reserved
Reserved
Reserved
Reserved
5
00101
Reserved
Reserved
Reserved
Reserved
6
00110
Battery Voltage (VBAT)
4.8 V
4.6875 mV
10 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com