Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 36Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 37Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 38Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 39Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 40Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 41Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 42Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 43Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 118 page
background image
Analog Integrated Circuit Device Data
40
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
SYSTEM CONTROL INTERFACE
Figure 16. Relationship Between the VID/VIDEN Pins, the DPV1VRD Bit, and VRCOMP Signal
SPECIAL REGISTERS
Vendor ID and Version ID
The Vendor ID and other version details can be read via the Identification bits. These are hard-wired on the chip.
Embedded Memory
There are 24 memory registers of general purpose embedded memory, which are accessible by the processor to store critical
data during power down. These registers consist of 8 in the general purpose registers area, and 16 more in the Freescale
dedicated register area. General memory registers are called MEMx [MEM1, MEM2… MEM8]. The Freescale dedicated registers
are called FSLMEMx [FSLMEM1, FSLMEM2… FSLMEM16]. The data written to these registers is maintained by the coin cell,
when the main battery is deeply discharged or removed, and is part of the RTC block. The content of the embedded memory is
reset by RTCPORB. The banks can be used for any system need, for bit retention with coin cell backup.
Table 12. Vendor ID Registers Structure and Bits Description
Name
Bits
Description
ID1 (ADDR 0x00 - R - Default Value: 0x28)
VENDID1
2:0
Chip1 Vendor ID
REV1
5:3
Chip1 Revision ID
Reserved
7:6
Reserved
ID2 (ADDR 0x01 - R - Default Value: 0x00)
VENDID2
2:0
Chip2 Vendor ID
REV2
5:3
Chip2 Revision ID
Reserved
7:6
Reserved
ID3 (ADDR 0x02 - R - Default Value: 0x00)
Reserved
7:0
Reserved
ID4 (ADDR 0x03 - R - Default Value: 0x00)
Reserved
7:0
Reserved
SCU
SCU
SCU
SCU
SCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com