Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 78Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 79Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 80Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 81Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 82Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 83Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 84Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 85Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 118 page
background image
Analog Integrated Circuit Device Data
82
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
Figure 47. VSDIO Detailed Internal Block Diagram
MAIN FEATURES
• Uses 3.3 V as the main power supply
• 215 mA maximum continuous output current
• Optimized for a 2.2 µF external filter capacitor with a maximum of 10 m
Ω ESR
• Uses an internal pass FET on LDO mode, and external pass FET on Switch mode.
• The output is monitored for under-voltage and over-current conditions in LDO mode.
POWER SWITCHES
Freescale’s power management solution for the Ultra-mobile platform for Netbooks, Tablets and Slates, includes 1 dedicated
power switch, housed in the 900844 PMIC. Table 45 shows its power characteristics.
VPNL33 uses an internal switch and are supplied from the 3.3 V output voltage.
VPNL33 uses an internal switch and are supplied from the 3.3 V output voltage.
Table 44. VSDIO Control Register Structure and Bits Description
Name
Bits
Description
VSDIOCNT (ADDR 0x4D - R/W - Default Value: 0x64)
CTLVSDIO
2:0
VSDIO State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
AOACCTLVSDIO
5:3
VSDIO State Control during AOAC Exit (when Exit pin is EXITSTBY pin is asserted). These bits will be initialized
by the system SPI controller after power up.
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
SELVSDIO
7:6
VSDIO output voltage selections:
X0 = 1.8 V
x1 = 3.3 V
x2 = Reserved
x3 = Reserved
Table 45. 900844 Power Switch Voltage Rail
Switch
Typ. Voltage
Max Current
Description
VPNL33
3.3 V
100 mA
Power Switch with integrated MOSFET and less than 1% voltage drop.
Z
+
_
LDO/Switch
Controller
VOSDIO
Output Monitor
SPI
Interface
COSDIO
VOCCP
CTLVSDIO
AOACCTLVSDIO
VSDIOFAULT
VREF
Discharge
FBSDIO
V33
MSDIO
SDIOGT
SELVSDIO
CINSDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com