Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 67Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 68Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 69Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 70Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 71Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 72Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 73Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 74Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
71
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
Figure 36. VCC180 Detailed Internal Block Diagram
Main Features
• Uses V21 as the main power supply
• 390 mA maximum continuous output current
• Optimized for a 2.2 µF external filter capacitor with a maximum of 10 m
Ω ESR
• Uses an internal pass FET
• The output for each LDO is monitored for over-current conditions and under-voltage events
VPNL18
VPNL18 is a low drop-out (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance, low noise, and high
PSRR, with a low quiescent current and fast transient response. VPNL18 is actively discharged during shutdown.
VPNL18 shares an input voltage pin (PVIN2P1) and a reference ground pin (GND2P1) with VCC180 and VPMIC regulators,
yet each has independent control. PVIN2P1 is supplied from the V21 voltage.
Table 33. VCC180CNT Register Structure and Bits Description
Name
Bits
Description
VCC180CNT (ADDR 0x43 - R/W - 0x3C)
CTLVCC180
2:0
VCC180 State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
AOACCTLVCC180
5:3
VCC180 State Control during AOAC Exit (when the Exit pin is EXITSTBY pin is asserted). These bits will be
initialized by the system SPI controller after power up.
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
Reserved
7:6
Reserved
Z
+
_
Controller
VOCC180
V21
PVIN 2P1
VOUTCC180
Output Monitor
IOCC180
SPI
Interface
CIN2P1
COCC180
VOCC180
CTLVCC180
AOACCTLVCC 180
VCC180FAULT
VREF
GND2P1
Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com