Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 85Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 86Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 87Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 88Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 89Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 90Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 91Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 92Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
89
900844
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
The ADC will be used for sensing the current through select voltage regulators, touch screen support, PMIC thermal sensor,
battery voltage, current, and temperature.
Figure 49 is a representation of the ADC block.
Figure 49. ADC Block Representation
INPUT SELECTOR
The ADC has 22 input channels selected through the ADSEL[4:0] bits in the ADCADDRx register. Table 57 gives an overview
of the characteristics of each of these channels.
Table 57. ADC Inputs
Channel
SELECT[4:0]
ADC Input Signal
Input Level
Scaling
Scaled Version
0
00000
PMIC Die Temperature
1.2 – 2.4 V
x1
1.2 – 2.4 V
1
00001
VCC Current Sense
0 – 2.4 V
x1
0 – 2.4 V
2
00010
VNN Current Sense
0 – 2.4 V
x1
0 – 2.4 V
3
00011
VCC180 Current Sense
0 – 2.4 V
x1
0 – 2.4 V
4
00100
Reserved
Reserved
Reserved
Reserved
5
00101
Reserved
Reserved
Reserved
Reserved
6
00110
Input voltage (VBAT)
0 – 4.8 V
/2
0 – 2.4 V
7
00111
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com