Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 69Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 70Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 71Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 72Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 73Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 74Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 75Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 76Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
73
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
Figure 38. VPMIC Detailed Internal Block Diagram
Main Features
• Uses V21 as the main power supply
• 100 mA maximum continuous output current
• Optimized for a 2.2 µF external filter capacitor with a maximum of 10 m
Ω ESR
• Uses an internal pass FET
• The output for each LDO is monitored for over-current conditions and under-voltage events
VYMXYFI18
VYMXYFI18 is a low drop-out (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance, low noise, and
high PSRR, with a low quiescent current and fast transient response. VYMXYFI18 is actively discharged during shutdown.
VYMXYFI18 can be supplied by either the V21 output voltage (V21) or directly from the VPWR node. Using V21 as the input
voltage supply offers enhanced thermal performance and higher efficiency. Using the VPWR node can offer enhanced
performance against noise coupling from an output of a DC/DC regulator. Users are encouraged to take the resulting thermal
dissipation in account when supplying VYMXYFI18 directly from VPWR. For more information about package thermal
capabilities, reference Thermal Management.
Table 35. VPMIC Register Structure and Bits Description
Name
Bits
Description
VPMICCNT (ADDR 0x41 - R/W - Default Value: 0x07)
CTLVPMIC
2:0
VPMIC State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
AOACCTLVPMIC
5:3
VPMIC State Control during AOAC Exit (when the Exit pin is EXITSTBY pin is asserted). These bits will be
initialized by the system SPI controller after power up.
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
Reserved
7:6
Reserved
Z
+
_
Controller
VOPMIC
VOUTPMIC
Output Monitor
IOPMIC
SPI
Interface
COPMIC
VOPMIC
CTLVPMIC
AOACCTLVPMIC
VPMICFAULT
VREF
Discharge
PVIN 2P1
(Shared with VCC180 and VPNL18)
GND2P1
(Shared with VCC180 and VPNL18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com