Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 80Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 81Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 82Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 83Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 84Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 85Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 86Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 87Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 118 page
background image
Analog Integrated Circuit Device Data
84
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
POWER SUPPLIES FAULT MANAGEMENT
This section discusses faults related to, or caused by power supplies (directly or indirectly) operating outside their specified
boundaries.
Reference Interrupt Controller for more information on the various interrupt signals, and the interrupt mechanism used to
communicate to the system controller.
THERMAL MANAGEMENT
The thermal protection is based on a circuit with a voltage output that is proportional to the absolute temperature. This voltage
can be read out via the ADC for precise temperature readouts. See ADC Subsystem.
This voltage is monitored by an integrated comparator. Interrupt THRM will be generated, if not masked, when crossing the
thermal warning threshold TWARN, and sets the VRFAULT 1st level interrupt that causes the PMICINT pin to assert, notifying
the system controller of a system event.
In addition to the previous, the 900844 includes integrated thermal protection that shuts down and powers off the system, in
cases of over dissipation, if the junction temperature exceeds the TSHUTDOWN threshold. This thermal protection will act above
the maximum junction temperature, to avoid any unwanted power downs. The protection is de-bounced by one period of the
32 kHz clock in order to suppress any (thermal) noise. This protection should be considered as a fail-safe mechanism. Therefore,
the application design should execute a thermal shutdown under normal conditions.
Once the thermal event is cleared and the temperature is back to its normal range, the 900844 restarts automatically, by
following the steps outlined in Initial Power Up Sequence
VDDQTONT
5:4
Turn On Time Settings for VDDQ Regulator
x0 = 240 μs
x1 = 120 μs
x2 = 60 μs
x3 = 30 μs
RSVD
7:6
RSVD
FSLTONTCNTL2 (ADDR 0x1CB - R/W - Default Value: 0xAA)
V21TONT
1:0
Turn On Time Settings for V21 Regulator
x0 = 320 μs
x1 = 160 μs
x2 = 80 μs
x3 = 40 μs
V15TONT
3:2
Turn On Time Settings for V15 Regulator
x0 = 200 μs
x1 = 100 μs
x2 = 50 μs
x3 = 25 μs
Reserved
7:4
Reserved
Table 49. Thermal Warning/Shutdown Thresholds
Parameter
Min
Typ
Max
Unit
Thermal Warning Threshold
115
120
125
°C
Thermal Warning Hysteresis
2
-
4
°C
Thermal Shutdown Threshold
130
140
150
°C
Table 48. Ramp Rate Control Registers (Freescale Defined)
Name
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com