Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 56Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 57Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 58Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 59Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 60Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 61Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 62Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 63Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 118 page
background image
Analog Integrated Circuit Device Data
60
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
The same VID input signals are shared between VNN and VNN, where a latch signal for each regulator decides which
regulator takes control of the VID input signals.
The DAC value represents the output voltage value. The output voltage node is connected directly to the inverting input of the
error amplifier that uses the DAC output as its reference, unity gain configuration. Using this configuration with internal
compensation eliminates the need for the feedback and compensation network, which saves board space and cost. The DAC/
output voltage slew rate is internally set 25 mV/µs to minimize transient currents and audible noise.
The switcher can operate in different modes depending on the load conditions. These modes can be set through the SPI and
include a PFM mode, an Automatic Pulse Skipping mode, and a PWM mode. The previous selection is optimized to maximum
battery life based on load conditions.
VNN will be discharged every time the regulator is shutting down.
The output current is sense in the same way as it is done on VCC regulator. (See VCC)
The sensed output current value will also be used for over-current protection. If an over-current condition is detected, the
regulator will limit the current through cycle by cycle operation and alert the system through the VNNFAULT signal, which will in
turn assert the VRFAULT Interrupt signal.
Figure 25. VNN Detailed Internal Block Diagram
Main Features
• Uses the VPWR rail as its power supply
• It is used to provide power to the Graphics Core.
• Single-phase Solution with Integrated Drivers and external MOSFETs
• VID Controlled for dynamic voltage scaling requirements of high performance processors
•1.0 MHz switching frequency
• High efficiency operating modes depending on load conditions
• Output can be discharged through the low side switch.
• Loss-Less Output Current Sensing with over-current protection
• Uses internal compensation
• Gate drive circuits are supplied directly from VPWR
Efficiency Curves
Figure 26 efficiency curves are calculated under PWM mode based on the recommended external component values and
typical output voltage of 1.2 V. 3.0 V
≤ VPWR ≤ 4.4 V.
Driver
Controller
EA
Z1
Z2
Internal
Compensation
VOUTFBNN
VPWR
CONN
CINCC
LNN
VNN
HSNNGT
LSNNGT
PGNDNN
CSPNN
PVINNN
SWFBNN
SPI
Interface
CTLVNN
AOACCTLVNN
VNNFAULT
VREF
DAC
MHSNN
MLSNN
Current Sense
Amp
INN
VIDEN0
VIDEN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com