Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 13Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 14Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 15Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 16Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 17Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 118 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
900844
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Crystal OSC Operating Drive Level
-
0.25
-
0.5
µW
Crystal OSC Nominal Lead Capacitance
-
-
9.0
-
pF
Crystal OSC Aging
-
-
-
3.0
ppm/year
COIN CELL CHARGER
Coin cell Charge Voltage (Selectable through VCOIN[2:0] bits)
VCOINCELL
2.5
-
3.3
V
Coin cell Charge Voltage Accuracy
-
-100
-
100
mV
Coin cell Charge Current
ICOIN
-
60
-
µA
Coin cell Charge Current Accuracy
-
-15
-
15
%
POWER STATES DETECTION THRESHOLDS
Battery Cutoff Threshold (Depending on Battery Model)
VBATOFF
2.2
-
2.4
V
Coin Cell Disconnect Threshold
VCOINOFF
1.8
-
2.0
V
Low Battery Threshold
VLOWBAT
3.2
-
-
V
Valid Battery Threshold
VTRKL
-
3.0
-
V
VPWR Rising Under-voltage Threshold
VPWRUVR
-
3.1
-
V
VPWR Falling Under-voltage Threshold
VPWRUVF
-
2.55
-
V
VCC ELECTRICAL CHARACTERISTICS
Input Voltage Range
VPWR
3.0
3.6
4.4
V
Extended Input Voltage Range
VPWR
2.8
3.6
4.7
V
Output Voltage Programmability Range
Low Power Mode
Active Mode
VCC
0.3
0.65
-
-
0.7
1.2
V
Output Voltage Programmability Step Size
-
-
12.5
-
mV
Output Voltage Accuracy
0.6 V < VCC < 12 V, 1.5 A < ICC < 3.5 A
0.6 V < VCC < 12 V, ICC < 1.5 A
0.3 V < VCC < 0.6 V
-
-5.0
-4.0
-7.0
-
-
-
5.0
4.0
7.0
%
Output Voltage Overshoot
Maximum overshoot voltage above VID setting voltage. Maximum
overshoot time is 10-30 s, output voltage = 0.9 V at 50 mA
VOS
-
-
50
mV
Continuous Output Load Current
Low Power mode
Active Mode
ICC
-
0.2
-
-
0.2
3.5
A
Peak Current Limit
ILIMCC
-
5.0
-
A
Output Current Limit Accuracy
-
±15
-
%
Transient Load Change
Low Power Mode
Active Mode
ΔICC
-
-
-
-
0.2
1.2
A
Table 3. Static Electrical Characteristics
TA = -40 to 85 °C, VPWR = 3.0 to 4.4 V, in gathering these parametrics, Freescale used the external components described in
the Hardware Design Considerations section of this document, over the full load current range, unless otherwise noted. Typical
values are characterized at VPWR = 3.6 V and 25 °C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com