Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 93Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 94Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 95Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 96Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 97Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 98Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 99Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 100Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
97
900844
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
ADEXGAIN20
2
Gain bit for ADC channel 20
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
ADEXGAIN21
3
Gain bit for ADC channel 21
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
Reserved
7:4
Reserved
Table 69. ADC Channel Selector/Configuration Structure and bit Description
Name
Bits
Description
ADCSNSxH (x = 0 to 31)
ADCHxH
6:0
7 MSBs of ADC result for Channel x
GAINx
7
Gain bit for ADC channel x, x = 0 to 31
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
ADCSNSxL (x = 0 to 31)
ADCHxL
2:0
3 LSBs of ADC result for Channel x
Reserved
7:3
Reserved
ADCADDRX (X = 0 TO 31)
ADSELx
4:0
ADC Channel to be read Selection bits
x00 = Channel 0
x01 = Channel 1
...
x1F = Channel 31
XPXMx
5
Turns on X+ and X- bias FETs, Refer to Figure 50
x0 = FETS Off
x1 = FETS On
YPYMx
6
Turns on Y+ and Y- bias FETs, Refer to Figure 50
x0 = FETS Off
x1 = FETS On
XMYPx
7
Turns on X- and Y+ bias FETs, Refer to Figure 50
x0 = FETS Off
x1 = FETS On
Table 68. ADC Control Registers Structure and Bits Description
Name
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com