Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 196 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 192Page - STMicroelectronics SPEAR1340 Datasheet HTML 193Page - STMicroelectronics SPEAR1340 Datasheet HTML 194Page - STMicroelectronics SPEAR1340 Datasheet HTML 195Page - STMicroelectronics SPEAR1340 Datasheet HTML 196Page - STMicroelectronics SPEAR1340 Datasheet HTML 197Page - STMicroelectronics SPEAR1340 Datasheet HTML 198Page - STMicroelectronics SPEAR1340 Datasheet HTML 199Page - STMicroelectronics SPEAR1340 Datasheet HTML 200Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 196 / 200 page
background image
Revision history
SPEAr1340
196/200
Doc ID 023063 Rev 4
7
Revision history
Table 109.
Document revision history
Date
Revision
Changes
05-Apr-2012
1
Initial release.
03-Aug-2012
2
Features
– Added SD interface to bullet “1x memory card interface”.
– Changed the bullet related to LCD from “LCD display controller, up
to 1920 x 1200,60 Hz, 24 bpp” to “LCD display controller,
incl.support for Full HD, 1920 x 1080, 60 Hz, 24 bpp”.
– Added new sub-bullets “Secure boot support” and “JTAG disable
option” under “Security” security.
Chapter 6: Package information
Updated Table 107: PGBA (23 x 23 mm, 0.8 mm pitch) package
thermal characteristics:
– Changed
Θ
J
B value from 8.2 to 9 °C/W.
– Added
Θ
J
A and ΨJC values.
– Added footnote.
– Changed table title.
Chapter 2: Device functions
Section 2.14: UART ports:
– Deleted bullet “Support baud rate up to UARTCLK_max_freq/16”.
– Changed bullet “Programmable by software” to “Programmable by
software: up to 125 MHz with a maximum baud rate of 7.81 Mbps
(125/16).”
Section 2.17: A/D converter (ADC): Changed bullet : ”10-bit
resolution” to “10-bit resolution for the analog cell which can be
extended up to 17 bits with embedded oversampling techniques
performed by the controller”.
Section 2.24: Camera input interfaces (CAM): Changed the
numbering of CAMx from “CAM0, CAM1, CAM2 and CAM3” into
“CAM1, CAM2, CAM3 and CAM4”.
Section 2.23: Video encoder (VENC): updated the features.
Section 2.19: General purpose I/O (GPIO/XGPIO): Added
information about XGPIO169 in the first bullet of “XGPIO main
features” section.
Section 2.37: Temperature sensor (THSENS):
– Moved ‘offset-related’ bullet closer to ‘measurement range’ bullet
as they are related.
– Removed reference to “calibration” from the ‘offset-related’ bullet.
Section 2.2: Multilayer interconnect matrix (BUSMATRIX): Corrected
a typo error in “Single interrupt for outband signaling” bullet.
Section 2.3.1: BootROM: added SD/MMC to the list of booting
devices.
Section 2.1: CPU subsystem:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com