Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 197 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 197 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 192Page - STMicroelectronics SPEAR1340 Datasheet HTML 193Page - STMicroelectronics SPEAR1340 Datasheet HTML 194Page - STMicroelectronics SPEAR1340 Datasheet HTML 195Page - STMicroelectronics SPEAR1340 Datasheet HTML 196Page - STMicroelectronics SPEAR1340 Datasheet HTML 197Page - STMicroelectronics SPEAR1340 Datasheet HTML 198Page - STMicroelectronics SPEAR1340 Datasheet HTML 199Page - STMicroelectronics SPEAR1340 Datasheet HTML 200Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 197 / 200 page
background image
SPEAr1340
Revision history
Doc ID 023063 Rev 4
197/200
03-Aug-2012
2 (cont’d)
Replaced “Parity support to detect internal memory failures during
runtime” by “Parity support to detect runtime failures for other internal
memories”.
Section 2.34: Clock and reset system: corrected a typo error in bullet
“PLL2 programmable dithered PLL, dedicated for the 125 MHz clock
of the Gigabit Ethernet MACs”
Section 2.4: Multiport DDR controller (MPMC): Split bullet “Exclusive
and locked accesses support weighted round-robin arbitration
scheme support to ensure high memory bandwidth utilization” into 2
separate ones.
Section 2.9: Giga/Fast Ethernet port (GMAC): Deleted the phrase:
“note that this timing information is shared between the two Giga
Ethernet controllers to provide highest precision in “bridging”
operations”, since only one Giga Ethernet controller is available.
Section 2.10: PCI Express controller (PCIe): updated the
introduction.
Section 2.26: I2S digital audio ports (I2S): removed bullet “External
SCLK gating and enable signal”, as SCLK is an internal signal.
Section 2.27: S/PDIF digital audio port: removed bullet “Can detect
IEC-61937 compressed data” and related footnote from the ‘input’
features group.
Section 2.20: LCD display controller (CLCD): replaced bullet
“Programmable pixel clock frequency up to bus clock frequency” by
“Programmable pixel clock frequency up to 148MHz (1080p
resolution)”.
Section 2.22: Video decoder (VDEC):
– Updated the bullet “H.263 profile and level” as follows:
- added the image size limitation to Profile 0
- deleted sub-bullet “Sorenson Spark” and added it as a separate
bullet
– Split bullet “VP6, VP7 and VP8, versions 0-3” into two bullets:
- VP6 and VP7, versions 0-3
- VP8 version 2 (WebM)
– Added sub-bullet “Baseline interleaved” to bullet “JPEG, all
common sampling formats”.
–Bullet “Input image size”: added limitation to standalone mode.
–Bullet “Image cropping / digital zoom”: added limitation “Usable
only for JPEG or stand-alone mode”.
Section 2.29: Cryptographic co-processor (C3):
– Removed numerical IDs (such as ID: 0x00001020).
– Removed Channel 7: empty bullet.
Section 2.32: General purpose timers (GPT): corrected “8-bit timer
clock prescaler” to “4-bit timer clock prescaler” in the first two bullets.
Section 2.19: General purpose I/O (GPIO/XGPIO): updated the first
paragraph of introduction.
Section 2.22: Video decoder (VDEC):
– Changed “Supported video profiles” to “Supported video codecs”.
– Updated bullet “H.264 profile and level”.
Table 109.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com