Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 198 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 192Page - STMicroelectronics SPEAR1340 Datasheet HTML 193Page - STMicroelectronics SPEAR1340 Datasheet HTML 194Page - STMicroelectronics SPEAR1340 Datasheet HTML 195Page - STMicroelectronics SPEAR1340 Datasheet HTML 196Page - STMicroelectronics SPEAR1340 Datasheet HTML 197Page - STMicroelectronics SPEAR1340 Datasheet HTML 198Page - STMicroelectronics SPEAR1340 Datasheet HTML 199Page - STMicroelectronics SPEAR1340 Datasheet HTML 200Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 198 / 200 page
background image
Revision history
SPEAr1340
198/200
Doc ID 023063 Rev 4
03-Aug-2012
2 (cont’d)
Section 2.38: One-time programmable antifuse (OTP): updated Bank
M description.
Updated Section 2.6: Flexible static memory controller (FSMC).
Section 2.4: Multiport DDR controller (MPMC): added a note at the
first bullet referring to a limitation of maximum memory address
space usage.
Section 2.24: Camera input interfaces (CAM): added a note about
feature capability.
Section 2.37: Temperature sensor (THSENS):
– Changed measurement of junction temperature starting value from
0 to 20 ° C.
– Added typical correction value.
Chapter 3: Pin description
Updated the introduction.
Table 3: Ball characteristics:
– Modified the power supply for USB_UOC_ID from
“USB_UOC_VDD3V3” to “USB_VDD2V5”.
– Modified the power supply for USB_UOC_VBUS from
“USB_UOC_VDD3V3” to “5V”.
– Added a footnote about XGPIO169
Inserted description for SPDIF_IN and SPDIF_OUT in Table 27:
Audio - S/PDIF signals description.
Updated footnote under Figure 6: SPEAr1340 multiplexing scheme.
Added a footnote to Table 16: Connectivity - PCIe/SATA physical
interface (MIPHY) signals description.
Updated STRAP5 description in Table 37: Strapping options.
Added a footnote related to chip selection and booting in Table 11:
Memories - FSMC signals description, Table 12: Memories - SMI
signals description and Table 38: Hardware boot selection
(STRAP[0..3])
Table 19: Connectivity - USB 2.0 PHY signals description: updated
the description of USB_UOC_VBUS adding the phrase “The voltage
range is 0-5.25 V”.
Chapter 4: Electrical characteristics
Added a reference to AN3317 Application note at the beginning of
the chapter.
Section 4.3: Clocking parameters:
– Added Table 42: MCLK oscillator characteristics and new Section :
MCLK generated from an external clock source.
– Added Table 44: RTC oscillator characteristics and new Section :
RTC clock generated from an external clock source.
Changed I/O types from TTL1, TTL2, TTL3 and PCI/3V3 TTL to
IOTYPE1, IOTYPE2, IOTYPE3 and IOTYPE4 (throughout
document).
Table 109.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com