Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 101 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 101 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 97Page - Agere Systems OR3LP26B Datasheet HTML 98Page - Agere Systems OR3LP26B Datasheet HTML 99Page - Agere Systems OR3LP26B Datasheet HTML 100Page - Agere Systems OR3LP26B Datasheet HTML 101Page - Agere Systems OR3LP26B Datasheet HTML 102Page - Agere Systems OR3LP26B Datasheet HTML 103Page - Agere Systems OR3LP26B Datasheet HTML 104Page - Agere Systems OR3LP26B Datasheet HTML 105Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 184 page
background image
Lucent Technologies Inc.
101
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description
Quad Port (continued)
Target (PCI Bus Initiated) Write
Operation Setup
The FPGA application waits for Target request, treqn,
from the PCI core to become active, indicating a Target
operation, either read or write. It then asserts Target
address enable, taenn, to clock out the command and
its address. Table 39 describes the specific order of
operation for a Target write transaction.
Bursts can be of any length, but will disconnect when
any of the following conditions occur:
s
tw_fulln is asserted low, and twburstpendn is deas-
serted high.
s
The maximum number of wait-states has been
inserted.
s
The BAR boundary has been crossed.
Target State Counter
The PCI core provides a state counter, tstatecntr[2:0],
that informs the FPGA of the current state of the PCI
core's Target state counter. This state counter deter-
mines what data is currently being provided by the PCI
core or expected from the FPGA application. This state
counter transitions from one state to another in a pre-
dictable fashion, and thus, it is not strictly necessary to
transmit its value to the FPGA. Nonetheless, the value
on bus tstatecntr can be used to minimize FPGA logic
or verify proper operation.
The data provided by the PCI core to the FPGA appli-
cation on bus twdata is accompanied by a value on
bus tstatecntr. This value can be directly used by the
FPGA application to determine the proper use of that
data. This eliminates the need for logic in the FPGA to
duplicate these state counters in this case.
The data required from the FPGA application by the
PCI core on bus trdata is also defined by the value on
bus tstatecntr. However, the state counter value is
being sent to the FPGA in the same cycle that the data
must be sent from the FPGA. Therefore, the FPGA
application must build its own copy of the state counter
value in this case. The value provided by the PCI core
can be used as the previous value, or it can be used to
verify the proper operation of the FPGA application's
logic.
Table 25 lists the values of the state counter tstatecntr
and the appropriate accompanying data.
Data Transfer
For a Target write data transfer, the FPGA application
begins receiving the supplied data by deasserting
taenn and asserting twdataenn. On every cycle that
twdataenn is asserted, the FPGA application clocks
data out of the PCI core’s Target write FIFO (32 deep
by 36 bits wide in 32-bit PCI mode; 16 deep by 72 bits
wide in 64-bit PCI mode) via bus twdata.
FIFO Empty/Almost Empty
Data to be written is buffered in the Target write FIFO
(32 deep by 36 bits wide in 32-bit PCI mode; 16 deep
by 72 bits wide in 64-bit PCI mode). When this FIFO
contains four or fewer data elements, the PCI core
asserts tw_aempty, the FIFO almost empty indicator.
This allows some latency to exist in the FPGA’s
response without risking overreading the FIFO. When
the PCI core has read all data out of the Target write
FIFO, the PCI core asserts tw_emptyn, the FIFO
empty indicator. Since data can be simultaneously writ-
ten to and read from the Target write FIFO, both
tw_aemptyn and tw_emptyn can change states in
either direction multiple times in the course of a burst
data transfer.
FIFO Full
In addition to the empty and almost empty signals that
report when the Target write FIFO is currently unable to
supply data to the FPGA application, the PCI core also
provides the FIFO's full signal. If the FIFO does go full,
the core will do one of two things. If twburstpendn is
deasserted high, the target will disconnect. If twburst-
pendn is asserted low, the target will assert up to eight
wait-states and then disconnect if still full. The FIFO full
flag is not generally used in user designs. If it is, how-
ever, keep in mind that it is synchronous to pciclk.
Bursting
Signal twlastcycn tells the FPGA application whether
the current write is a burst. The FPGA application con-
tinues to unload data from the FIFO as long as twlast-
cycn is inactive. The bursting will continue until either
twlastcycn is received, the FIFO becomes full, or the
BAR boundary is crossed. There is no fixed maximum
transfer word count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com