Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 178 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 178 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 174Page - Agere Systems OR3LP26B Datasheet HTML 175Page - Agere Systems OR3LP26B Datasheet HTML 176Page - Agere Systems OR3LP26B Datasheet HTML 177Page - Agere Systems OR3LP26B Datasheet HTML 178Page - Agere Systems OR3LP26B Datasheet HTML 179Page - Agere Systems OR3LP26B Datasheet HTML 180Page - Agere Systems OR3LP26B Datasheet HTML 181Page - Agere Systems OR3LP26B Datasheet HTML 182Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 184 page
background image
178
178
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
Package Thermal Characteristics
Summary
There are three thermal parameters that are in com-
mon use:
ΘJA, ψJC, and ΘJC. It should be noted that all
the parameters are affected, to varying degrees, by
package design (including paddle size) and choice of
materials, the amount of copper in the test board or
system board, and system airflow.
ΘJA
This is the thermal resistance from junction to ambient
(theta-JA, R-theta, etc.).
where TJ is the junction temperature, TA is the ambient
air temperature, and Q is the chip power.
Experimentally,
ΘJA is determined when a special ther-
mal test die is assembled into the package of interest,
and the part is mounted on the thermal test board. The
diodes on the test chip are separately calibrated in an
oven. The package/board is placed either in a JEDEC
natural convection box or in the wind tunnel, the latter
for forced convection measurements. A controlled
amount of power (Q) is dissipated in the test chip’s
heater resistor, the chip’s temperature (TJ) is deter-
mined by the forward drop on the diodes, and the ambi-
ent temperature (TA) is noted. Note that
ΘJA is
expressed in units of °C/W.
ψJC
This JEDEC designated parameter correlates the junc-
tion temperature to the case temperature. It is generally
used to infer the junction temperature while the device
is operating in the system. It is not considered a true
thermal resistance, and it is defined by:
where TC is the case temperature at top dead center,
TJ is the junction temperature, and Q is the chip power.
During the
ΘJA measurements described above,
besides the other parameters measured, an additional
temperature reading, TC, is made with a thermocouple
attached at top-dead-center of the case.
ψJC is also
expressed in units of °C/W.
ΘJC
This is the thermal resistance from junction to case. It
is most often used when attaching a heat sink to the
top of the package. It is defined by:
The parameters in this equation have been defined
above. However, the measurements are performed with
the case of the part pressed against a water-cooled
heat sink to draw most of the heat generated by the
chip out the top of the package. It is this difference in
the measurement process that differentiates
ΘJC from
ψ
JC.
ΘJC is a true thermal resistance and is expressed
in units of °C/W.
ΘJB
This is the thermal resistance from junction to board
(
ΘJB). It is defined by:
where TB is the temperature of the board adjacent to a
lead measured with a thermocouple. The other param-
eters on the right-hand side have been defined above.
This is considered a true thermal resistance, and the
measurement is made with a water-cooled heat sink
pressed against the board to draw most of the heat out
of the leads. Note that
ΘJB is expressed in units of
°C/W, and that this parameter and the way it is mea-
sured are still in JEDEC committee.
FPGA Maximum Junction Temperature
Once the power dissipated by the FPGA has been
determined (see the Estimating Power Dissipation sec-
tion), the maximum junction temperature of the FPGA
can be found. This is needed to determine if speed der-
ating of the device from the 85 °C junction temperature
used in all of the delay tables is needed. Using the
maximum ambient temperature, TAmax, and the power
dissipated by the device, Q (expressed in °C), the max-
imum junction temperature is approximated by:
TJmax = TAmax + (Q •
ΘJA)
Table 71 lists the thermal characteristics for all pack-
ages used with the
ORCA OR3LP26B Series of
FPGAs.
ΘJA
TJ
TA
–
Q
--------------------
=
ψJC
TJ
TC
–
Q
--------------------
=
ΘJC
TJ
TC
–
Q
--------------------
=
ΘJB
TJ
TB
–
Q
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com