Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 116 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 116 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 112Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 113Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 114Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 115Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 116Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 117Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 118Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 119Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 120Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 221 page
background image
114
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to GMA series Specifications and Test Method (2).
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
10(
1A)
GMA0D3R71A103MA01T
0.38x0.38(
0D)<015015>
10000pF(
103)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
100(
2A)
GMA05XR72A101MA01T
GMA05XR72A151MA01T
GMA05XR72A221MA01T
GMA05XR72A331MA01T
GMA05XR72A471MA01T
GMA05XR72A681MA01T
GMA05XR72A102MA01T
25(
1E)
GMA05XR71E152MA11T
GMA05XR71E222MA11T
GMA05XR71E332MA11T
GMA05XR71E472MA11T
10(
1A)
GMA05XR71A682MA01T
GMA05XR71A103MA01T
GMA05XR71A153MA01T
GMA05XR71A223MA01T
6.3(
0J)
GMA05XR60J104ME12T*
0.5x0.5(
05)<0202>
100pF(
101)
150pF(
151)
220pF(
221)
330pF(
331)
470pF(
471)
680pF(
681)
1000pF(
102)
1500pF(
152)
2200pF(
222)
3300pF(
332)
4700pF(
472)
6800pF(
682)
10000pF(
103)
15000pF(
153)
22000pF(
223)
33000pF(
333)
47000pF(
473)
68000pF(
683)
0.10
µF(104)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
100(
2A)
GMA085R72A152MA01T
GMA085R72A222MA01T
GMA085R72A332MA01T
GMA085R72A472MA01T
GMA085R72A682MA01T
25(
1E)
GMA085R71E103MA11T
GMA085R71E153MA11T
GMA085R71E223MA11T
10(
1A)
GMA085R71A333MA01T
GMA085R71A473MA01T
GMA085R71A683MA01T
GMA085R71A104MA01T
6.3(
0J)
GMA085R60J474ME12T*
0.8x0.8(
08)<0303>
1500pF(
152)
2200pF(
222)
3300pF(
332)
4700pF(
472)
6800pF(
682)
10000pF(
103)
15000pF(
153)
22000pF(
223)
33000pF(
333)
47000pF(
473)
68000pF(
683)
0.10
µF(104)
0.47
µF(474)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
High Dielectric Constant Type X7R(R7)/X5R(R6) Characteristics
Packaging Code in Part Number shows STD Tray.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
GM
A
0D
3
R7
1A
103
M
A01
T
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com