Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 119 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 119 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 115Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 116Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 117Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 118Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 119Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 120Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 121Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 122Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 123Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 221 page
background image
Continued on the following page.
The capacitor should be set for 24
±2 hours at room
temperature after one hour of heat treatment at 150+0/–10
°C,
then measure for the initial measurement. Fix the capacitor to
the supporting jig in the same manner and under the same
conditions as (11) and conduct the five cycles according to the
temperatures and time shown in the following table. Set it for
48
±4 hours at room temperature, then measure.
12
Temperature
Sudden
Change
Appearance
No defects or abnormalities.
Capacitance
Change
R6 : Within
±7.5%
D.F.
R6 : 0.1 max.
I.R.
More than 50
Ω · F
Dielectric
Strength
No defects
Ramp frequency from 10 to 55Hz then return to 10Hz all within
1 minute. Amplitude: 1.5 mm (0.06 inch) max. total excursion.
Apply this motion for a period of 2 hours in each of 3 mutually
perpendicular directions (total 6 hours).
11
Vibration
Resistance
Appearance
No defects or abnormalities.
Capacitance
Within the specified tolerance.
D.F.
R6 : 0.1 max.
MIL-STD-883 Method 2011 Condition D
Mount the capacitor on a gold metallized alumina substrate with
Au-Sn (80/20) and bond a 25
µm (0.001 inch) gold wire to the
capacitor terminal using an ultrasonic ball bond. Then, pull wire.
10
Mechanical
Strength
Bond
Strength
Pull force : 0.03N min.
The capacitance change should be measured after 5 min. at
each specified temp. stage.
The ranges of capacitance change compared with the
Reference Temperature value over the temperature ranges
shown in the table should be within the specified ranges.*
*Initial measurement for high dielectric constant type
Perform a heat treatment at 150 +0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature.
Perform the initial measurement.
9
Capacitance
Temperature
Characteristics
No bias
R6 : Within
±15% (–55°C to +85°C)
Die Shear
Strength
Die Shear force : 2N min.
MIL-STD-883 Method 2019
Mount the capacitor on a gold metallized alumina substrate
with Au-Sn (80/20). Apply the force parallel to the substrate.
8
Dissipation
Factor (D.F.)
R6 : 0.1 max.
The capacitance/D.F. should be measured at reference
temperature at the frequency and voltage shown in the table.
7
Capacitance
Within the specified tolerance.
The insulation resistance should be measured with a DC
voltage not exceeding the rated voltage at normal temperature
and humidity and within 1 minutes of charging.
6
Insulation
Resistance
More than 50
Ω · F
No failure should be observed when 250% of the rated voltage
is applied between the terminations for 1 to 5 seconds, provid-
ed the charge/discharge current is less than 50mA.
5
Dielectric Strength
No defects or abnormalities.
Using calipers.
4
Dimensions
Within the specified dimensions.
Visual inspection.
3
Appearance
No defects or abnormalities.
The rated voltage is defined as the maximum voltage that may
be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated volt-
age range.
2
Rated Voltage
See the previous pages.
Reference Temperature : 25
°C
1
Operating
Temperature
Range
R6 : –55
°C to 85°C
Mounting for testing: The capacitors should be mounted on the substrate as shown below using die bonding and wire bonding when tests No. 11 to 14 are performed.
GMA Series Specifications and Test Methods (2)
No.
Test Method
Specifications
Item
Step
Temp. (
°C)
Time (min.)
1
Min.
Operating
Temp.+0/–3
30
±3
2
Room
Temp.
2 to 3
3
Max.
Operating
Temp. +3/–0
30
±3
4
Room
Temp.
2 to 3
Step
Temperature (
°C)
25
±2
–55
±3
25
±2
85
±3
1
2
3
4
Capacitance
Frequency
1
±0.1kHz
Voltage
0.5
±0.1Vrms
C
V10µF (6.3Vmax.)
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GMA Series Specifications and Test Methods (2)
117
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
When no "*" is added in PNs table, please refer to GMA Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GMA Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com