Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 123 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 123 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 119Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 120Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 121Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 122Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 123Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 124Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 125Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 126Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 127Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 221 page
background image
121
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
GMD033R71E101KA01D
GMD033R71E121KA01D
GMD033R71E151KA01D
GMD033R71E181KA01D
GMD033R71E221KA01D
GMD033R71E271KA01D
GMD033R71E331KA01D
GMD033R71E391KA01D
GMD033R71E471KA01D
GMD033R71E561KA01D
GMD033R71E681KA01D
GMD033R71E821KA01D
GMD033R71E102KA01D
GMD033R71E122KA01D
GMD033R71E152KA01D
16(
1C)
GMD033R71C182KA11D
GMD033R71C222KA11D
GMD033R71C272KA11D
GMD033R71C332KA11D
10(
1A)
GMD033R71A392KA01D
GMD033R71A472KA01D
GMD033R71A562KA01D
GMD033R71A682KA01D
GMD033R71A822KA01D
GMD033R71A103KA01D
0.6x0.3(
03)<0201>
100pF(
101)
120pF(
121)
150pF(
151)
180pF(
181)
220pF(
221)
270pF(
271)
330pF(
331)
390pF(
391)
470pF(
471)
560pF(
561)
680pF(
681)
820pF(
821)
1000pF(
102)
1200pF(
122)
1500pF(
152)
1800pF(
182)
2200pF(
222)
2700pF(
272)
3300pF(
332)
3900pF(
392)
4700pF(
472)
5600pF(
562)
6800pF(
682)
8200pF(
822)
10000pF(
103)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
High Dielectric Constant Type X7R(R7) Characteristics
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
GM
D
03
3
R7
1E
101
K
A01 D
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com