Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 124 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 124 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 120Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 121Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 122Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 123Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 124Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 125Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 126Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 127Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 128Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 221 page
background image
122
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
GMD155R71H221KA01D
GMD155R71H271KA01D
GMD155R71H331KA01D
GMD155R71H391KA01D
GMD155R71H471KA01D
GMD155R71H561KA01D
GMD155R71H681KA01D
GMD155R71H821KA01D
GMD155R71H102KA01D
GMD155R71H122KA01D
GMD155R71H152KA01D
GMD155R71H182KA01D
GMD155R71H222KA01D
GMD155R71H272KA01D
GMD155R71H332KA01D
GMD155R71H392KA01D
GMD155R71H472KA01D
25(
1E)
GMD155R71E562KA01D
GMD155R71E682KA01D
GMD155R71E822KA01D
GMD155R71E103KA01D
GMD155R71E123KA01D
GMD155R71E153KA01D
GMD155R71E183KA01D
GMD155R71E223KA01D
GMD155R71E273KA11D
GMD155R71E333KA11D
GMD155R71E393KA11D
GMD155R71E473KA11D
16(
1C)
GMD155R71C563KA11D
GMD155R71C683KA11D
GMD155R71C823KA11D
GMD155R71C104KA11D
1.0x0.5(
15)<0402>
220pF(
221)
270pF(
271)
330pF(
331)
390pF(
391)
470pF(
471)
560pF(
561)
680pF(
681)
820pF(
821)
1000pF(
102)
1200pF(
122)
1500pF(
152)
1800pF(
182)
2200pF(
222)
2700pF(
272)
3300pF(
332)
3900pF(
392)
4700pF(
472)
5600pF(
562)
6800pF(
682)
8200pF(
822)
10000pF(
103)
12000pF(
123)
15000pF(
153)
18000pF(
183)
22000pF(
223)
27000pF(
273)
33000pF(
333)
39000pF(
393)
47000pF(
473)
56000pF(
563)
68000pF(
683)
82000pF(
823)
0.10
µF(104)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
High Dielectric Constant Type X7R(R7) Characteristics
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
GM
D
15
5
R7
1H
221
K
A01 D
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com