Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 120 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 120 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 116Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 117Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 118Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 119Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 120Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 121Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 122Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 123Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 124Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 221 page
background image
Continued from the preceding page.
Apply 150% of the rated voltage for 1000
±12 hours at the
maximum operating temperature
±3°C. Let sit for 24±2 hours at
room temperature, then measure.
The charge/ discharge current is less than 50mA.
• Initial measurement
Perform a heat treatment at 150+0/–10
°C for one hour and then
let sit for 24
±2 hours at room temperature. Perform the initial
measurement.
• Measurement after test
Perform a heat treatment at 150+0/–10
°C for one hour and then
let sit for 24
±2 hours at room temperature, then measure.
14
Durability
Appearance
No defects or abnormalities.
Capacitance
Change
R6 : Within
±12.5%
D.F.
R6 : 0.2 max.
I.R.
More than 25
Ω · F
Apply the rated voltage for 500
±12 hours at 40±2°C, in 90 to
95% humidity and set it for 24
±2 hours at room temperature,
then measure. The charge/discharge current is less than
50mA.
• Initial measurement
Perform a heat treatment at 150+0/–10
°C for one hour and then
let sit for 24
±2 hours at room temperature. Perform the initial
measurement.
• Measurement after test
Perform a heat treatment at 150+0/–10
°C for one hour and then
let sit for 24
±2 hours at room temperature, then measure.
13
High
Temperature
High
Humidity
(Steady)
Appearance
No defects or abnormalities.
Capacitance
Change
R6 : Within
±12.5%
D.F.
R6 : 0.2 max.
I.R.
More than 12.5
Ω · F
Mounting for testing: The capacitors should be mounted on the substrate as shown below using die bonding and wire bonding when tests No. 11 to 14 are performed.
GMA Series Specifications and Test Methods (2)
No.
Test Method
Specifications
Item
Alumina substrate
Gold land
Alumina substrate
Capacitor
Die bond
Gold wire
Gold land
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GMA Series Specifications and Test Methods (2)
118
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
When no "*" is added in PNs table, please refer to GMA Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GMA Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com