Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 125 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 125 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 121Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 122Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 123Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 124Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 125Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 126Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 127Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 128Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 129Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 221 page
background image
123
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to GMD series Specifications and Test Method (2).
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
6.3(
0J)
GMD033R60J563KE11D*
GMD033R60J683KE11D*
GMD033R60J823KE11D*
GMD033R60J104KE11D*
10(
1A)
GMD155R61A124KE12D*
GMD155R61A154KE12D*
GMD155R61A184KE12D*
GMD155R61A224KE12D*
GMD155R61A274KE11D*
GMD155R61A334KE11D*
GMD155R61A394KE11D*
GMD155R61A474KE11D*
0.6x0.3(
03)<0201>
1.0x0.5(
15)<0402>
56000pF(
563)
68000pF(
683)
82000pF(
823)
0.10
µF(104)
0.12
µF(124)
0.15
µF(154)
0.18
µF(184)
0.22
µF(224)
0.27
µF(274)
0.33
µF(334)
0.39
µF(394)
0.47
µF(474)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
High Dielectric Constant Type X5R(R6) Characteristics
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com