Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 150 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 150 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 146Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 147Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 148Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 149Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 150Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 151Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 152Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 153Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 154Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 221 page
background image
Notice
1. Please evaluate a capacitor by actual cleaning equipment
and conditions to confirm the quality and select the
applicable solvent.
2. Unsuitable cleaning solvent may leave residual flux or
other foreign substances, causing deterioration of
electrical characteristics and the reliability of the
capacitors.
3. Select the proper cleaning conditions.
3-1. Improper cleaning conditions (excessive or
insufficient) may result in the deterioration of the
performance of the capacitors.
6. Washing
Continued from the preceding page.
4. Flux Application
1. An excessive amount of flux generates a large quantity of
flux gas, which can cause a deterioration of Solderability.
Therefore apply flux thinly and evenly throughout. (A
foaming system is generally used for flow soldering.)
2. Flux containing too high a percentage of halide may
cause corrosion of the outer electrodes unless there is
sufficient cleaning. Use flux with a halide content of 0.2%
max.
3. Do not use strong acidic flux.
4. Do not use water-soluble *flux.
(*Water-soluble flux can be defined as non rosin type flux
including wash-type flux and non-wash-type flux.)
3. Adhesive Curing
1. Insufficient curing of the adhesive can cause chips to
disconnect during flow soldering and deterioration in the
insulation resistance between the outer electrodes due to
moisture absorption.
Control curing temperature and time in order to prevent
insufficient hardening.
Continued on the following page.
o Set temperature and time to ensure that leaching of the
outer electrode does not exceed 25% of the chip end
area as a single chip (full length of the edge A-B-C-D
shown right) and 25% of the length A-B shown below as
mounted on substrate.
[As a Single Chip]
[As Mounted on Substrate]
5. Flow Soldering
A
B
C
D
Outer Electrode
A
B
Notice
148
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com