Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 154 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 154 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 150Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 151Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 152Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 153Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 154Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 155Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 156Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 157Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 158Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 221 page
background image
(4) Results
GRM21 5C (T=0.6)
GRM21 R7 (T=0.6)
GRM21 F5 (T=0.6)
3. Temperature Cycling for Solder Fillet Height
(1) Test Method
Solder the chips to the substrate of various test fixtures
using sufficient amounts of solder to achieve the required
fillet height. Then subject the fixtures to the cycle
illustrated at right 200 times.
q Solder Amount
Alumina substrates are typically designed for reflow
soldering.
Glass epoxy or paper phenol substrates are typically
used for flow soldering.
w Material
Alumina
(Thickness: 0.64mm)
Glass epoxy
(Thickness: 1.64mm)
Paper phenol
(Thickness: 1.64mm)
e Land Dimension
q
w
e
Alumina
Substrate
Solder to be used
Glass Epoxy
or Paper Phenol
6
Z4 Eutectic solder
[Solder Amount]
0
20
40
60
80
100
02468
Flexure (mm)
0
20
40
60
80
100
02468
0
20
40
60
80
100
02468
Flexure (mm)
Flexure (mm)
Larger Fillet
Fillet up to Chip
Thickness
Larger Fillet
Larger Fillet
Fillet up to Chip
Thickness
Fillet up to Chip
Thickness
[Temperature Cycling]
+125
D
Room Temperature
-55
D
Time (min.)
30
5
30
5
Ag/Pd=72/28
Thickness: 10 to 12
µm
Cu
Thickness: 35
µm
Alumina
Substrate
Glass Epoxy
Substrate
Paper Phenol
Substrate
[Land Dimension]
1.5
1.5
1.2
Land Pattern
Continued from the preceding page.
Continued on the following page.
(in mm)
Reference Data
152
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com