Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 158 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 158 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 154Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 155Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 156Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 157Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 158Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 159Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 160Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 161Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 162Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 221 page
background image
7. Solder Heat Resistance
(1) Test Method
q Reflow soldering:
Apply about 300
µm of solder paste over the alumina
substrate. After reflow soldering, remove the chip and
check for leaching that may have occurred on the
outer electrode.
w Flow soldering:
After dipping the test sample with a pair of tweezers in
wave solder (eutectic solder), check for leaching that
may have occurred on the outer electrode.
(2) Test samples
GRM21: For flow/reflow soldering T=0.6mm
(3) Acceptance criteria
The starting time of leaching should be defined as the
time when the outer electrode has lost 25% of the total
edge length of A-B-C-D as illustrated:
e Dip soldering:
After dipping the test sample with a pair of tweezers in
static solder (eutectic solder), check for leaching that
may have occurred on the outer electrode.
r Flux to be used: An ethanol solution of 25% rosin.
(4) Results
(4) Results
Reflow Soldering
Dip Soldering
Flow Soldering
0
20
40
60
80
100
200
240
280
320
360
Temperature Differential
∆T (D)
F5
R7
5C
A
B
C
D
Outer Electrode
280
270
260
250
240
230
220
210
0
Leaching Starting Time (sec.)
280
270
260
250
240
230
220
210
0
10203040
5060
280
270
260
250
240
230
220
210
0
10203040
5060
60
120
180
240
Leaching Starting Time (sec.)
Leaching Starting Time (sec.)
Continued from the preceding page.
Continued on the following page.
Reference Data
156
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com