Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 155 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 155 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 151Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 152Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 153Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 154Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 155Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 156Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 157Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 158Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 159Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 221 page
background image
(4) Results
(2) Test Samples
GRM21 5C/R7/F5 Characteristics T=0.6mm
(3) Acceptance Criteria
Products are determined to be defective if the change in
capacitance has exceeded the values specified in Table 3.
Characteristics
Change in Capacitance
5C
Within
T2.5% or T0.25pF, whichever is greater
Within
T7.5%
Within
T20%
R7
F5
Table 3
Alumina Substrate (Thickness 0.64mm)
Glass Epoxy Substrate (Thickness 1.6mm)
Paper Phenol Substrate (Thickness 1.6mm)
GRM21 5C (T=0.6)
qw
e
100
80
60
40
20
0
0
50
100
150
200
Number of Cycles
GRM21 R7 (T=0.6)
q
w
e
100
80
60
40
20
0
0
50
100
150
200
Number of Cycles
GRM21 F5 (T=0.6)
q
w
e
100
80
60
40
20
0
0
50
100
150
200
Number of Cycles
GRM21 R7 (T=0.6)
qw
e
100
80
60
40
20
0
0
50
100
150
200
Number of Cycles
GRM21 F5 (T=0.6)
qw
e
100
80
60
40
20
0
0
50
100
150
200
Number of Cycles
GRM21 5C (T=0.6)
qwe
100
80
60
40
20
0
0
50
100
150
200
Number of Cycles
GRM21 5C (T=0.6)
qw
100
80
60
40
20
0
0
50
100
150
200
Number of Cycles
e
GRM21 R7 (T=0.6)
qw
100
80
60
40
20
0
0
50
100
150
200
Number of Cycles
e
GRM21 F5 (T=0.6)
qw
100
80
60
40
20
0
0
50
100
150
200
Number of Cycles
e
Continued from the preceding page.
Continued on the following page.
Reference Data
153
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com