Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 153 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 153 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 149Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 150Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 151Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 152Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 153Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 154Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 155Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 156Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 157Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 221 page
background image
1
GRM21 for flow/reflow soldering
95 to 100%
95 to 100%
95%
90 to 95%
95%
1. Solderability
(1) Test Method
Subject the chip capacitor to the following conditions.
Then apply flux (an ethanol solution of 25% rosin) to the
chip and dip it in 230
D eutectic solder for 2 seconds.
Conditions:
Expose prepared at room temperature (for 6 months and
12 months, respectively)
Prepared at high temperature (for 100 hours at 85
D)
Prepared left at high humidity (for 100 hours under
90%RH to 95%RH at 40
D)
(2) Test Samples
GRM21 : Products for flow/reflow soldering.
(3) Acceptance Criteria
With a 60-power optical microscope, measure the surface
area of the outer electrode that is covered with solder.
(4) Results
Refer to Table 1.
Sample
Initial State
Prepared at Room Temperature
6 months
12 months
Prepared at High Humidity
for 100 Hours at 90 to
95% RH and 40
D
Prepared at High
Temperature for
100 Hours at 85
D
Table 1
2. Board Bending Strength for Solder Fillet Height
(1) Test Method
Solder the chip capacitor to the test PCB with the amount
of solder paste necessary to achieve the fillet heights.
Then bend the PCB using the method illustrated and
measure capacitance.
(2) Test Samples
GRM21: 5C/R7/F5 Characteristics T=0.6mm
(3) Acceptance Criteria
Products should be determined to be defective if the
change in capacitance has exceeded the values specified
in Table 2.
Characteristics
Change in Capacitance
5C
Within
T5% or T0.5pF, whichever is greater
Within
T12.5%
Within
T20%
R7
F5
Table 2
Capacitor
Supporting
Base
45
45
Capacitance Meter
Flexure
20 50
R230
Pressurizing
Speed: 1.0mm/sec.
Note : The material of pressure application jig and
support is the quenched metal.
(hardness HB 183-255 or superhardness
HRA90 or more)
Solder Amount
Larger Fillet.
Fillet up to Chip
Thickness
Pressurize
Material : Glass Epoxy
: Copper Foil (0.35mm thick)
: Solder Resist
100
4.0
1.6
1.2
(in mm)
Continued on the following page.
Reference Data
151
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com