Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 156 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 156 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 152Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 153Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 154Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 155Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 156Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 157Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 158Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 159Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 160Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 221 page
background image
4. Board Bending Strength for Board Material
(1) Test Method
Solder the chip to the test board. Then bend the board
using the method illustrated below, to measure
capacitance.
(2) Test Samples
GRM21 5C/R7/F5 Characteristics T=0.6mm typical
(3) Acceptance Criteria
Products should be determined to be defective if the
change in capacitance has exceeded the values specified
in Table 4.
(4) Results
5C
R7
F5
Table 4
GRM21 5C (T=0.6)
GRM21 R7 (T=0.6)
GRM21 F5 (T=0.6)
Capacitor
Supporting
Base
45
45
Capacitance Meter
Flexure
20
50
R230
Pressurizing
Speed: 1.0mm/sec.
Note : Material of the pressurizing jig and
the supporting base must be hardened steel
(Hardness : HB183 to 255 or carbide Hardness
: HRA90 min.)
Solder Amount
(in mm)
Up to Chip
Thickness
Pressurize
: Copper Foil (0.035mm thick)
: Solder Resist
100
4.0
1.6
1.2
Characteristics
Change in Capacitance
Within
T5% or T0.5pF, whichever is greater
Within
T12.5%
Within
T20%
0
20
40
60
80
100
02468
Flexure (mm)
0
20
40
60
80
100
02468
0
20
40
60
80
100
02468
Flexure (mm)
Flexure (mm)
Paper Phenol
Glass Epoxy
Glass Epoxy
Paper Phenol
Paper Phenol
Glass Epoxy
Continued from the preceding page.
Continued on the following page.
Reference Data
154
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com