Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 54 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 50Page - STMicroelectronics AN2014 Datasheet HTML 51Page - STMicroelectronics AN2014 Datasheet HTML 52Page - STMicroelectronics AN2014 Datasheet HTML 53Page - STMicroelectronics AN2014 Datasheet HTML 54Page - STMicroelectronics AN2014 Datasheet HTML 55Page - STMicroelectronics AN2014 Datasheet HTML 56Page - STMicroelectronics AN2014 Datasheet HTML 57Page - STMicroelectronics AN2014 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
Power supply loss and application reset
AN2014
54/65
DocID10701 Rev 10
Figure 43. EEPROM power backup capacitor
1. Sometimes filtering capacitors placed after voltage regulators, are big enough to allow the EEPROM
device to finish the write operation. In this case, backup capacitors are no longer necessary.
For a complete and detailed calculation, the discharge current through the MCU protection
diodes must be taken into account. The EEPROM inputs/outputs do not draw any current
during write operations and only the pull-up resistors connected to the EEPROM VCC pin
will discharge the backup capacitor through the MCU connection.
Optimum robustness is obtained by adding a discharge path to ground. At power-down, the
EEPROM is usually in the standby mode, where it draws little current (no more than a few
µA) and the backup capacitor takes a long time to discharge. The system designer must
either:
•
take into consideration the long discharge time to allow the EEPROM VCC supply to
reach ground level (0 V) before setting the application supply voltage active, or
•
add a discharge path to ground to accelerate the discharge if the system may or must
be re-started after a short time
When applying this recommendation, please read also Section 3.3.1: Power-up and power-
on-reset sequence.
6.2.3
Interruption of an EEPROM request
When the Power loss occurs while the Master is still sending a command, it is strongly
recommended to have an emergency software procedure able to interrupt safely the
request being sent to the EEPROM. The set of below recommendations is adapted to each
product family.
I²C Products
Emergency procedure to interrupt an I2C request:
•
Drive the WC pin High. One SCL clock pulse will inhibit the current write request.
•
Send a START condition followed by a STOP condition (a START condition resets the
device and a STOP condition sets it in standby mode). The re-synchronization
sequence described in AN1471 can also be used. See Figure 44: Emergency
sequence I2C products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com