Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 64 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 57Page - STMicroelectronics AN2014 Datasheet HTML 58Page - STMicroelectronics AN2014 Datasheet HTML 59Page - STMicroelectronics AN2014 Datasheet HTML 60Page - STMicroelectronics AN2014 Datasheet HTML 61Page - STMicroelectronics AN2014 Datasheet HTML 62Page - STMicroelectronics AN2014 Datasheet HTML 63Page - STMicroelectronics AN2014 Datasheet HTML 64Page - STMicroelectronics AN2014 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
Revision history
AN2014
64/65
DocID10701 Rev 10
31-Mar-2014
9
Modified Introduction and Conclusions.
Updated clock rate data in Table 1.
Text updated throughout the document, but more specifically:
– Chapter 2
– Section 3.1.3: ST EEPROM ESD protection
– Section 3.3.1: Power-up and power-on-reset sequence
– Section 4.1.1: Chip enable (E0, E1, E2)
– Section 4.1.2: Serial data (SDA)
– Section 4.1.3: Serial clock (SCL)
– Section 4.1.4: Write control (WC)
– Section 4.1.5: Recommended I2C EEPROM connections
– Section 4.2.2: Write Protect (W)
– Section 4.2.3: Serial Data input (D) and Serial Clock (C)
– Section 4.2.5: Serial Data output (Q)
– Section 5.4.2: Data redundancy
– Section 5.5: Cycling endurance and data retention
– Section 5.5.1: Cycling and data retention qualification procedures
– Section 5.5.2: Optimal cycling with ECC
– Section 5.5.3: Cycling and temperature dependence
– Section 5.5.5: Overall number of write cycles
– Section 6.3: Robust software and default operating mode
Changed Figure 39: Write cycling versus temperature.
Added specific values relating to process letter K.
17-Feb-2015
10
Updated Section 4.1.3: Serial clock (SCL), Section 5.3.1: Software write
protection and Section 5.5.4: Defining the application cycling strategy.
Updated Note below Figure 10 and Footnote 1 of Figure 29.
Modified Figures 21, 22, 25, 32, 39, 44, 45 and 46.
Other text updates throughout the document, without any context change.
Table 11. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com