Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 43Page - STMicroelectronics AN2014 Datasheet HTML 44Page - STMicroelectronics AN2014 Datasheet HTML 45Page - STMicroelectronics AN2014 Datasheet HTML 46Page - STMicroelectronics AN2014 Datasheet HTML 47Page - STMicroelectronics AN2014 Datasheet HTML 48Page - STMicroelectronics AN2014 Datasheet HTML 49Page - STMicroelectronics AN2014 Datasheet HTML 50Page - STMicroelectronics AN2014 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
DocID10701 Rev 10
47/65
AN2014
Software considerations
64
Note:
The intrinsic(b) cycling limits measured on the CMOS F8H automotive devices are much
higher than the safe conditions suggested in Figure 39.
5.5.4
Defining the application cycling strategy
ST EEPROM products have no built-in function to limit cycling and therefore application
designers have to evaluate the number of write cycles that will be executed during the life of
the end application. To ensure the safest conditions, it is strongly recommended to define a
temperature profile of the write cycles performed by the EEPROM.
Define the main temperature stages at which the EEPROM is operating in the end
application.
For each temperature, estimate the number of write cycles executed for each data
block.
For each data block (with different cycling profiles), calculate the cumulated cycling
effect using Table 10.
If the total percentage of cumulated cycles (last row in Table 10) is lower than 100%, the
data stored in the EEPROM are safely cycled.
If the total percentage of cumulated cycles is above 100%, the intrinsic safe margin for
cycling is exceeded and a data relocation strategy must be defined.
Cycling on each EEPROM cell is not infinite (as shown in Figure 39), it is therefore wise to
define a data relocation strategy by distributing the total number of cycles over several
memory locations. To do this:
Define a cycling limit for each data block according to the application needs and
product performance (see Table 10).
Count the numbers of cycles executed on each data block (counter value can be stored
in the EEPROM).
When the counter exceeds the defined limit, the cycled data block must be relocated to
another physically independent memory address. The software developer should not
move it to a location in the same page (when possible, not in the same column either)
as the reference column/page. This means that the 2 addresses should differ by at
b.
Intrinsic = belonging to the essential nature or constitution of the EEPROM die (extrinsic = originating from a random
event).
Table 10. Application cycling profile evaluation(1)
1. The table can be adapted according to the temperature profile by taking care of putting down the maximum
cycling for each temperature (using Figure 39).
Temperature
Number of cycles(2)
2. w, x, y and z are the forecast number of cycles for a specific data block.
% of specification max
25 °C
w
(w/1M) × 100 = a%
55 °C
x
(x/600K) × 100 = b%
85 °C
y
(y/300K) × 100 = c%
125 °C
z
(z/150K) × 100 = d%
Total
w + x + y + z
a + b + c + d%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com