Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 44Page - STMicroelectronics AN2014 Datasheet HTML 45Page - STMicroelectronics AN2014 Datasheet HTML 46Page - STMicroelectronics AN2014 Datasheet HTML 47Page - STMicroelectronics AN2014 Datasheet HTML 48Page - STMicroelectronics AN2014 Datasheet HTML 49Page - STMicroelectronics AN2014 Datasheet HTML 50Page - STMicroelectronics AN2014 Datasheet HTML 51Page - STMicroelectronics AN2014 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
Software considerations
AN2014
48/65
DocID10701 Rev 10
least 1 bit in the page address and, if possible, by 1 bit in the column address. See
Table 9. for page and column address bits. The counter is then reset and must also
change address.
In addition, to optimize the number of cycles in the EEPROM and preserve the other data
blocks in the memory array:
•
define data groups or classes (located in the same page) where data with similar
update rates are gathered together. This will optimize the use of the Page mode
instead of the byte mode.
•
the area containing the read-only parameters and the cycled items should be
separated and made independent as much as possible. Two types of data should not
share the same pages and, where possible, not the same columns.
Following the above rules, in laboratory environment, ST EEPROM devices have
demonstrated to reach hundreds of millions of cycles, safely.
5.5.5
Overall number of write cycles
As explained above, each EEPROM cell must not be cycled more than the maximum
cycling value specified in the datasheet. However, the overall number of cycles executed by
the memory can exceed this maximum value as several memory blocks can be cycled
individually.
The safe value of the overall number of cycling is 10 Million cycles for any ST EEPROM.
However, for products identified with process letter K, characterization trials performed on
products equal or larger than 32 Kbit, the safe value of the overall number of cycles at 25°C
is 128M cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com