Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 17Page - STMicroelectronics AN2014 Datasheet HTML 18Page - STMicroelectronics AN2014 Datasheet HTML 19Page - STMicroelectronics AN2014 Datasheet HTML 20Page - STMicroelectronics AN2014 Datasheet HTML 21Page - STMicroelectronics AN2014 Datasheet HTML 22Page - STMicroelectronics AN2014 Datasheet HTML 23Page - STMicroelectronics AN2014 Datasheet HTML 24Page - STMicroelectronics AN2014 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
DocID10701 Rev 10
21/65
AN2014
Recommendations to improve EEPROM reliability
64
3.3.1
Power-up and power-on-reset sequence
During power-up, in order for the internal EEPROM reset to be performed correctly, the
application designer has to make sure that the VCC supply voltage waveform rises
monotonously, with a maximum slew rate of 1 V/µs, from VSS to the final stabilized VCC
supply value.
In ST EEPROM devices, the POR (power-on-reset) circuit is activated first as it locks the
part before the internal logic is able to run: at power-up, the device does not respond to any
instruction until VCC has reached, starting from 0 V, the power-on-reset threshold voltage,
VPOR. When VCC passes the VPOR threshold, the device is reset, in Standby Power mode,
but the application designer should make sure that no instruction is sent to the EEPROM
until the power supply has reached a stabilized DC value of VCCmax > VCC > VCCmin (see
Figure 14).
Before a controlled power-down sequence (continuous decrease in VCC), the device must
be placed in the Standby Power mode.
If, for some uncontrolled reason, the power supply drops, it is recommended to carry out a
safe power-down sequence by pulling VCC to 0 V (or at least below VPOR), and then to
perform a safe power-up sequence, as described previously. This will secure the device re-
initialization.
Figure 14. Power-up
1. Power-up is safe with a monotonous rising slope slower than 1V/µs.
Table 3. Typical POR threshold values
Bus protocol
I²C
SPI
MICROWIRE
Device voltage range
All
5 V
Other device
ranges
5 V
Other Device
Ranges
POR threshold limits
over the whole
temperature range
1 V ± 0.5 V
3 V ± 0.5 V
1 V ± 0.5 V
3 V ± 0.5 V
1 V ± 0.5 V
VPOR
VCCmin
VCCmax
Monotonous rising slope
slower than 1 V/µs
Part locked
by POR
Standby
mode
Operation allowed
time
ai10859b
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com