Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 38Page - STMicroelectronics AN2014 Datasheet HTML 39Page - STMicroelectronics AN2014 Datasheet HTML 40Page - STMicroelectronics AN2014 Datasheet HTML 41Page - STMicroelectronics AN2014 Datasheet HTML 42Page - STMicroelectronics AN2014 Datasheet HTML 43Page - STMicroelectronics AN2014 Datasheet HTML 44Page - STMicroelectronics AN2014 Datasheet HTML 45Page - STMicroelectronics AN2014 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
Software considerations
AN2014
42/65
DocID10701 Rev 10
5.3.2
Hardware write protection
By default the hardware write protection feature should be set and the time during which the
device is left unprotected should be limited to the time required to issue and execute Write
instructions. The hardware write protection is very effective against parasitic or hazardous
instructions transiting on the interface bus.
Also use the hardware write protection features during Power-up, Power-down and normal
operation (Refer to the Hardware considerations).
The WC pin in I²C products protects the entire array.
The W pin protects the entire array by resetting the Write Enable Latch (WEL) bit in 1
Kbit to 4 Kbit SPI products whereas it protects the non-volatile bits of the Status
Register in 8 Kbit to 2 Mbit SPI products.
It is recommended to change the state of the Write Protect pin only if no data transfer or
program cycle is in progress. The Write Protect and Write Control pins should be controlled
with very conservative timings:
1 clock cycle time clearance (with no data transfer) before the select (or start) event.
1 clock cycle time clearance (with no data transfer) after the deselect (or stop) event.
Wait for the write cycle (tW) completion before changing the protection.
This conservative sequence will not affect the communication speed but will ensure the safe
operation of the products (see Figure 36 and Figure 37).
The Write Protect signal (W for SPI, WC for I²C) is glitch sensitive and a short (parasitic)
pulse could cause a write request to be aborted. This feature can also be of great help in
emergency situations like power loss or Master reset. See the Power supply loss and
application reset section for details.
Figure 36. .Recommended use of the WC pin in I²C products
Figure 37. Recommended use of the W pin in SPI products
Clearance
1 Clock Period
Clearance
1 Clock Period
ai10921
WC
START + WRITE +ADDRESS + DATA + STOP
tW < 5ms
SDA
Clearance
1 Clock Period
Clearance
1 Clock Period
ai10922
W
WRITE +ADDRESS + DATA
tW < 5ms
SDA
S
WREN
Polling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com