Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 15Page - STMicroelectronics AN2014 Datasheet HTML 16Page - STMicroelectronics AN2014 Datasheet HTML 17Page - STMicroelectronics AN2014 Datasheet HTML 18Page - STMicroelectronics AN2014 Datasheet HTML 19Page - STMicroelectronics AN2014 Datasheet HTML 20Page - STMicroelectronics AN2014 Datasheet HTML 21Page - STMicroelectronics AN2014 Datasheet HTML 22Page - STMicroelectronics AN2014 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
DocID10701 Rev 10
19/65
AN2014
Recommendations to improve EEPROM reliability
64
3.2
Electrical overstress and latchup
Electrical overstress (EOS) and latchup are also damaging stresses that are either
immediately destructive, or may create latent defects leading to premature failure.
3.2.1
What are EOS and latchup?
In comparison with ESDs, EOS and latchup are lower-intensity events that last much longer
(sometimes more than a few seconds). That is why the energy induced by an EOS is higher
than the ESD energy. EOS and latchup induce current injections inside the EEPROM when
an overvoltage stress is applied on one or more package pins. Latchup occurs when a
charge injection triggers the I/O parasitic thyristors (also called SCR) thus generating a very
high current between VDD and VSS. This phenomenon lasts until the VCC power supply is
turned off.
3.2.2
How to prevent EOS and latchup events
Typically power supply cycling leads to EOS situations. During the power-up and power-
down phases, the EEPROM I/Os interfaced with other ICs may temporary see voltages
greater than VCC or lower than VSS. When outside Absolute Maximum Ratings, these
biasing conditions may lead to positive and negative current injections, respectively. This
kind of stress cannot always be completely prevented but it can be minimized. The
switching sequence of the different interfaced ICs must be carefully determined, and if
necessary protection resistor (<1K
Ω) can be placed on critical pins or sometimes directly on
VCC pin (<50Ω) to limit eventual latchup current. Please refer to Section 4: Hardware
considerations for more details.
Overshoots and undershoots may occur on external device pins when the application is
running. They can be generated by radiations, power supply disturbances or even some
ICs. The very first protection is provided by the semiconductor manufacturer (ST) which
offers the best possible robustness against EOS and latchup. If extra protection is needed,
the application designer can add small value resistors (<1k
Ω) in series on all interfaced lines
and (<50Ohm) in series on
VCC line so that it can be compatible with the communication speed
constraints and power supply range. Please refer to the Hardware considerations section for
more details.
Manufacturing and handling devices are also sources of EOS: all voltage levels applied to
the device must be checked accurately and regularly. In addition all equipment should be
constantly calibrated.
During write operations, an EEPROM device is more sensitive to overvoltages on its power
supply pin because the internal high voltage generator is directly fed by the voltage applied
to the power supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com