Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 6Page - STMicroelectronics AN2014 Datasheet HTML 7Page - STMicroelectronics AN2014 Datasheet HTML 8Page - STMicroelectronics AN2014 Datasheet HTML 9Page - STMicroelectronics AN2014 Datasheet HTML 10Page - STMicroelectronics AN2014 Datasheet HTML 11Page - STMicroelectronics AN2014 Datasheet HTML 12Page - STMicroelectronics AN2014 Datasheet HTML 13Page - STMicroelectronics AN2014 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
EEPROM cell and memory array architecture
AN2014
10/65
DocID10701 Rev 10
In fact, higher voltages, in the range 15 to 18V, are normally used, to reduce the time taken
for the operation. Voltages higher than this cannot be used, since they would damage the
thin Tunnel Oxide.
For erase, the cell Control Gate is made positive, and the source-drain region is grounded
(as shown in Figure 6). The electric field makes electrons move from the substrate towards
the floating gate, thereby filling the reservoir, and increasing the characteristic threshold
voltage of the transistor (as shown in Figure 3).
Figure 6. During erase, electrons go through the tunnel oxide into the floating gate
1. Characteristic threshold Vth increases and becomes positive as shown in Figure 3
For write, the Control Gate is grounded and the source-drain region is made positive (as
shown in Figure 7). The electric field is the opposite of that for erase, and so electrons move
out from the floating gate, thereby emptying the reservoir, and decreasing the characteristic
threshold voltage of the transistor (as shown in Figure 4).
Figure 7. During write, electrons go through the tunnel oxide out of the floating gate
1. Characteristic threshold decreases and becomes negative as shown in Figure 4.
Typically EEPROM erase/write cycles require a high voltage of about 15 to 18V for
approximately 5ms.
AI10232
Vg=+18V
Vd=0V
Electric Field
Tunneling Electrons
Control Gate
Source
Drain
Gate Oxide
Oxide
Channel Region
Floating Gate
e-
AI10233
Vg=0V
Vd=+18V
Electric Field
Tunneling Electrons
Control Gate
Source
Drain
Gate Oxide
Oxide
Channel Region
Floating Gate
e-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com