Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 5Page - STMicroelectronics AN2014 Datasheet HTML 6Page - STMicroelectronics AN2014 Datasheet HTML 7Page - STMicroelectronics AN2014 Datasheet HTML 8Page - STMicroelectronics AN2014 Datasheet HTML 9Page - STMicroelectronics AN2014 Datasheet HTML 10Page - STMicroelectronics AN2014 Datasheet HTML 11Page - STMicroelectronics AN2014 Datasheet HTML 12Page - STMicroelectronics AN2014 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
DocID10701 Rev 10
9/65
AN2014
EEPROM cell and memory array architecture
64
1.1.1
Reading the value stored in a memory cell
Figure 5 puts the three curves together, by way of comparison. It shows that for a given
Control Gate voltage, Vg, the current that flows through the drain, Id, will be detectably
higher or lower than that of the neutral device, depending on whether the reservoir of
electrons on the floating gate has been filled up, or emptied. This, then, is the basis of how
the memory cell can be read.
Figure 5. Using the voltage on the Control Gate to determine the charge
on the floating gate
1. A written cell draws a current I µA (where IµA > Id.ref); an erased cell does not draw any current (0 µA).
In most of ST EEPROM products, a predetermined biasing condition on the Control Gate
and the drain makes it possible to compare the current absorbed by the FLOTOX transistor
with a reference. Basically, with the predetermined biasing condition an erased FLOTOX
cell is not able to sink as much current as the reference (ideally the transistor is off). On the
other hand, a written FLOTOX cell sinks a current that is superior to the reference (the
transistor is on). By comparing to a reference current, the device is able to retrieve the
stored information as a digital signal on the output pins of the memory device.
1.1.2
Writing a new value to the memory cell
The next question, of course, is how the charge can be changed on the floating gate, given
that it is so well insulated by oxide, and keeps its charge even when there is no power
supply. The answer is that the Tunnel Oxide, shown in Figure 1, is very thin, and can be
used to transfer charge, when much higher voltages are applied than those normally used
during Read operations.
Filling the floating gate reservoir with negative charges (electrons) is called erase. After
erase, the FLOTOX transistor is in the Erased State (see Figure 3). Pulling out negative
charges from the floating gate is called Program. After Program, the FLOTOX transistor is in
the Written State (see Figure 4). One state is used to represent logic-0, and the other logic-
1, but the exact choice is manufacturer and product-type dependent).
Both operations use the Fowler-Nordheim tunneling effect. For this, a high electric field
(1 million V/mm, or more) is needed to make electrons pass through the thin Tunnel Oxide.
For a Tunnel Oxide thickness of 100Å, the high voltage needs to be at least 10V.
AI10234
Vg
Id
Vg.ref
Id.ref
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com