Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 55 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 51Page - STMicroelectronics AN2014 Datasheet HTML 52Page - STMicroelectronics AN2014 Datasheet HTML 53Page - STMicroelectronics AN2014 Datasheet HTML 54Page - STMicroelectronics AN2014 Datasheet HTML 55Page - STMicroelectronics AN2014 Datasheet HTML 56Page - STMicroelectronics AN2014 Datasheet HTML 57Page - STMicroelectronics AN2014 Datasheet HTML 58Page - STMicroelectronics AN2014 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
DocID10701 Rev 10
55/65
AN2014
Power supply loss and application reset
64
Figure 44. Emergency sequence I2C products
Note:
This emergency sequence is detailed in the AN1471.
After the emergency sequence, the power supply of the EEPROM (through keep alive
systems or a backup capacitor at the EEPROM level) should remain high enough to allow
an eventual engaged write cycle to end correctly (tW = 5 ms).
SPI products (1 Kbit to 4 Kbit)
Emergency procedure to interrupt an SPI request:
•
Drive the W pin Low while the device is selected. One clock pulse will reset the WEL bit
in the Status Register (any current write request will be ignored).
•
Deselect the EEPROM by driving the S pin High.
Warning:
If the SPI device is deselected between two data bytes of a
write request and W has not been driven Low, a write cycle
may be triggered.
SPI products (8 Kbit and larger)
Emergency procedure to interrupt a SPI request:
•
drive W pin low while device is selected. Only the WRSR instruction will be ignored, the
execution of a Write (to memory) is not discarded by the W pin for 8 Kbit products and
larger.
•
Deselect the EEPROM driving S pin High.
Warning:
If the chip is deselected between two data bytes of a write
request, a write cycle may be triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com