Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 51 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 47Page - STMicroelectronics AN2014 Datasheet HTML 48Page - STMicroelectronics AN2014 Datasheet HTML 49Page - STMicroelectronics AN2014 Datasheet HTML 50Page - STMicroelectronics AN2014 Datasheet HTML 51Page - STMicroelectronics AN2014 Datasheet HTML 52Page - STMicroelectronics AN2014 Datasheet HTML 53Page - STMicroelectronics AN2014 Datasheet HTML 54Page - STMicroelectronics AN2014 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
DocID10701 Rev 10
51/65
AN2014
Power supply loss and application reset
64
6.1.2
SPI family
Main recommendation for protecting an SPI transaction is to deselect the device in a safe
way. The chip must be deselected taking care of the timings of Chip Select respect to the
Clock rising edge.
•
Smart connections of EEPROM pins help to avoid deselect timing violation (tCHSL and
tCHSH) when Master releases SPI bus. Refer to Section 4: Hardware considerations
section for safe recommendations. At deselect, EEPROM will go into the standby state
(see Figure 41: SPI bus enters the high impedance state (Master reset)).
•
However, a write cycle may be triggered if the EEPROM is deselected between two
data bytes of a write instruction. On 4-Kbit or lower-density SPI device, setting the W
pin to Low before deselecting the memory will prevent the write cycle execution.
•
When the Master restarts, it must run a data polling sequence to check that the
EEPROM is ready (and that no write cycle is in progress). Refer to Section 5.2: Optimal
Write control.
•
As soon as the SPI device is ready, a WRDI instruction must be issued if the WEL bit in
the Status Register is still set to 1. In so doing, the device is protected against any
parasitic write instruction.
These recommendations will maximize the control on the EEPROM in case of inadvertent
Master reset. Recommendations for Master restart can also be the default sequence each
time Master comes out of the reset state like after Power up.
Figure 41. SPI bus enters the high impedance state (Master reset)
1. A pull-down resistor on C prevents any tSHCH timing violation (as a pull-up resistor on C causes C and S to
rise at the same time, inducing tSHCH = 0).
Ai11091c
R
R
C
Safe
SPI bus connections
SPI bus waveforms when the bus enters
the high-impedance state
Safe
S
C
S
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com