Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2014 Datasheet(PDF) 62 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 57Page - STMicroelectronics AN2014 Datasheet HTML 58Page - STMicroelectronics AN2014 Datasheet HTML 59Page - STMicroelectronics AN2014 Datasheet HTML 60Page - STMicroelectronics AN2014 Datasheet HTML 61Page - STMicroelectronics AN2014 Datasheet HTML 62Page - STMicroelectronics AN2014 Datasheet HTML 63Page - STMicroelectronics AN2014 Datasheet HTML 64Page - STMicroelectronics AN2014 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
Revision history
AN2014
62/65
DocID10701 Rev 10
10
Revision history
Table 11. Document revision history
Date
Revision
Changes
28-Oct-2005
1
Initial release.
15-May-2006
2
Section 1.1.3: Cycling limit of EEPROM cells, Section 5.2.1: Page mode,
Section 5.4.1: The checksum, Section 5.5: Cycling endurance and data
retention, Section 6.1: Application reset, Section 6.2: Power supply loss
modified. Small text changes.
26-Oct-2006
3
Small text changes. Figure 14: Power-up and Figure 39 modified
(paragraph added to explain Figure 39). Table 5: Calculation rules for pull-
up resistor on SDA and Note 1 modified.
Note modified below Figure 22. Section 5.4: Data integrity modified.
Section 6.2.2: Supply voltage energy tank capacitor modified. “General
recommendation applying to all EEPROM products” paragraph removed
and content transferred to Section 3.3.1 on page 21.
15-Jan-2007
4
Small text changes.
In the SPI family the S pin must remain above VIH = 0.7VCC during power-
up (see Section 4.2.1: Chip Select (S)) and Write Protect (W) behavior
specified.
Pull-up and pull-down resistances discussed in Section 4.2.3: Serial Data
input (D) and Serial Clock (C) (SPI) and Section 4.3.2: Serial Data (D) and
Serial Clock (C) (MICROWIRE).
Pull-down resistor value on C modified and pull-down resistor added to D
line in Figure 27: Recommended SPI connections - robust design and
Figure 31: Recommended MICROWIRE connections - robust design.
Maximum C2 value modified in Figure 32: PCB decoupling.
26-Jun-2008
5
Small text changes. Section 3.3.2: Stabilized power supply voltage,
Section 3.3.1: Power-up and power-on-reset sequence and Section 4.1.5:
Recommended I2C EEPROM connections clarified.
Section 4.4.3: Communication lines removed.
Section 6.1: Application reset modified, Figure 40: I2C bus enters the high
impedance state (Master reset), Figure 41: SPI bus enters the high
impedance state (Master reset) and Figure 42: MICROWIRE bus enters
the high impedance state (Master reset) modified.
04-Feb-2010
6
Removed reference to application note AN1001 in Section 2.2: Choosing
an appropriate memory interface.
Updated POR threshold in Table 3: Typical POR threshold values.
Updated programming time in Section 5.1: EEPROM electrical
parameters. Updated Section 5.5.1: Cycling and data retention
qualification procedures and Section 5.5.3: Cycling and temperature
dependence. Added Section 5.5.2: Optimal cycling with ECC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com